Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 65Page - ATMEL Corporation AT697F Datasheet HTML 66Page - ATMEL Corporation AT697F Datasheet HTML 67Page - ATMEL Corporation AT697F Datasheet HTML 68Page - ATMEL Corporation AT697F Datasheet HTML 69Page - ATMEL Corporation AT697F Datasheet HTML 70Page - ATMEL Corporation AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation AT697F Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 155 page
background image
AT697F ADVANCE INFORMATION
69
7703C–AERO–6/09
Figure 44. TAP - State Machine
Test Logic Reset
Run Test/Idle
Select DR Scan
Select IR Scan
Capture DR
[1]
Shift DR
Exit_1 DR
Pause DR
Exit_2 DR
Update DR
[1]
Capture IR
Shift IR
Exit_1 IR
Pause IR
Exit_2 IR
Update IR
1
0
1
1
0
00
00
11
1
1
1
1
00
0
0
0
0
11
1
11
00
11
00
Transitions between
states are controlled
by TMS input value.
Due to the scan cell layout, "Capture DR" and "Update DR" are states without associated action
during the scanning of internal chains.
TAP Instructions
The following instruction are supported by the AT697 TAP.
Table 25. TAP instruction set
Binary Value
Instruction Name
Data Register
Scan Chain Accessed
000
EXTEST
Boundary scan register
Boundary scan chain
001
SAMPLE/PRELOAD
Boundary scan register
Boundary scan chain
010
BYPASS
Bypass register
Bypassscan chain
111
IDCODE
Device id register
ID register scan chain
BYPASS
This instruction is binary coded "010"
It is used to speed up shifting at board level through components that are not to be activated.
EXTEST
This instruction is binary coded "000"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com