Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 38Page - ATMEL Corporation AT697F Datasheet HTML 39Page - ATMEL Corporation AT697F Datasheet HTML 40Page - ATMEL Corporation AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation AT697F Datasheet HTML 45Page - ATMEL Corporation AT697F Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 155 page
background image
42
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Figure 28. Memory Organization when EDAC enabled
data1 byte0
data1 byte1
data1 byte2
data1 byte3
data2 byte0
data2 byte1
data2 byte2
data2 byte3
checksum2
checksum1
Co
rre
spo
nd
ing
Ch
eck
sum
0x00000007
0x00000006
0x00000005
0x00000004
0x00000003
0x00000002
0x00000001
0x00000000
0x0FFFFFFF
0x0FFFFFFE
memory top address
Note In addition, only byte-writes shall be performed to ROM area when the EDAC is enabled. In
this case, only the corresponding byte are written.
EDAC testing
The operation of the EDAC can be tested trough the MCFG3 memory configuration register.
Figure 29.
Memory Configuration Reg.
MCFG3
CB[7:0]
8
EDAC
8
8
TCB
TCB
WB
RB
EDAC testing overview
Write test
If the write bypass MCFG3
WB is set logical one, the value of the test checksum from the
MCFG3 TCB field replaces the normal checkbits during memory write transactions.
Read test
During memory read transactions, if the read bypass MCFG3 RB is set logical one, the mem-
ory checkbits of the loaded data is stored to the test checkbit MCFG3 TCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com