Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 87Page - ATMEL Corporation AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation AT697F Datasheet HTML 91Page - ATMEL Corporation AT697F Datasheet HTML 92Page - ATMEL Corporation AT697F Datasheet HTML 93Page - ATMEL Corporation AT697F Datasheet HTML 94Page - ATMEL Corporation AT697F Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
AT697F ADVANCE INFORMATION
91
7703C–AERO–6/09
System Registers
Table 54. Product Configuration Register - PCR
Address = 0x80000024
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
wtpnb[2:0]
nwindows[4:0]
icsz[2:0]
ilsz[2:0]
dcsz[2:0]
dlsz[1:0]
fpu[1:0]
pci[1:0] wprt[1:0]
r/w
r
r
r
r
r
r
r
r
r
r
r
r/w
r
r
r
r
x
1
1
100
0
00111
100
11
100
11
1
1
x
1
01
01
01
Bit Number
Mnemonic
Description
30
dsu
Debug Support Unit present
“0” = disabled
“1” = present
29
sdrctrl
SDRAM controller present
“0” = disabled
“1” = present
28..26
wtpnt[2:0]
Number of implemented watchpoints (0 - 4)
25
imac
UMAC/SMAC instruction implemented
24..20
nwindows[4:0]
Number of register windows.
The implemented number of SPARC register windows - 1
19..17
icsz[2:0]
Instruction cache size.
The size (in Kbytes) of the instruction cache.
Cache size = 2^(icsz).
16..15
ilsz[2:0]
Instruction cache line size.
The line size (in 32-bit words) of each line.
Line size = 2^(ilsz).
14..12
dcsz[2:0]
Data cache size.
The size (in kbytes) of the data cache.
Cache size = 2^(dcsz).
11..10
dlsz[1:0]
Data cache line size.
The line size (in 32-bit words) of each line.
Line size = 2^(dlsz).
9
divinst
UDIV/SDIV instruction implemented
8
mulinst
UMUL/SMUL instruction implemented
6
memstat
Memory status and failing address register present
5..4
fpu[1:0]
FPU type
3..2
pci[1:0]
PCI core type
1..0
wprt[1:0]
Write protection type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com