Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 10Page - ATMEL Corporation AT697F Datasheet HTML 11Page - ATMEL Corporation AT697F Datasheet HTML 12Page - ATMEL Corporation AT697F Datasheet HTML 13Page - ATMEL Corporation AT697F Datasheet HTML 14Page - ATMEL Corporation AT697F Datasheet HTML 15Page - ATMEL Corporation AT697F Datasheet HTML 16Page - ATMEL Corporation AT697F Datasheet HTML 17Page - ATMEL Corporation AT697F Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 155 page
background image
14
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
PCI_CLK provides timing for all transactions on PCI. All other PCI signals, except RST*, are
sampled on the rising edge of PCI_CLK and all other timing parameters are defined with respect
to this edge.
RST* - PCI Reset (input)
Reset is used to bring PCI-specific registers, sequencers, and signals to a consistent state.
PERR* - Parity Error (bi-directional)
Parity Error is only for the reporting of data parity errors during all PCI transactions except a
Special Cycle. The PERR* pin is sustained tri-state and must be driven active by the agent
receiving data two clocks following the data when a data parity error is detected. The minimum
duration of PERR* is one clock for each data phase that a data parity error is detected.
SERR* - System Error (bi-directional)
System Error is for reporting address parity errors, data parity errors on the special cycle com-
mand, or any other system error where the result will be catastrophic. If an agent does not want
a non-maskable interrupt (NMI) to be generated, a different reporting mechanism is required.
SYSEN* - PCI Host (input)
This active low input specifies the configuration of the device. At boot-up time, if SYSEN* is sam-
pled at a low level, the device is configured as the host of the PCI bus. If SYSEN* is sampled at
a high level, the device is configured as a satellite.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com