Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 88 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation AT697F Datasheet HTML 86Page - ATMEL Corporation AT697F Datasheet HTML 87Page - ATMEL Corporation AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation AT697F Datasheet HTML 91Page - ATMEL Corporation AT697F Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 155 page
background image
88
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
The period between each AUTO-REFRESH command is calculated as follows:
tREFRESH = ((reload value) + 1) / SDCLK frequency
Table 48. Write Protection Register 1 - WPR1
Address = 0x8000001C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
en
bp
tag[14:0]
mask[14:0]
r/w r/w
r/w
r/w
0
x
xx xxxx xxxx xxxx x
xxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
31
en
Enable.
If set, enables the write protect unit
30
bp
Block protect
If set, selects block protect mode
29..15
tag[14:0]
Address tag
This field is compared against address(29:15)
14..0
mask[14:0]
Address mask
This field contains the address mask
Table 49. Write Protection Register 2 - WPR2
Address = 0x80000020
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
en
bp
tag[14:0]
mask[14:0]
r/w r/w
r/w
r/w
0
x
xx xxxx xxxx xxxx x
xxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
31
en
Enable.
If set, enables the write protect unit
30
bp
Block protect
If set, selects block protect mode
29..15
tag[14:0]
Address tag
This field is compared against address(29:15)
14..0
mask[14:0]
Address mask
this field contains the address mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com