Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 26Page - ATMEL Corporation AT697F Datasheet HTML 27Page - ATMEL Corporation AT697F Datasheet HTML 28Page - ATMEL Corporation AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation AT697F Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 155 page
background image
30
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Write Protection
Two write protection schemes are provided to prevent accidental over-writing to the RAM area,
the “Start/End address Scheme” and the “Mask Scheme”. These two schemes are explained in
the following two sub-chapter
Start/End address
Scheme
Two memory areas are defined by using a start-address and an end-address register. The first
address of the protected memory area is calculated as 0x40000000 + START*4. The last
address of the protected memory area is calculated as 0x40000000 + END*4.
Table 12.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
START
BP
0
Start Address Register (WPSTAx)
Table 13.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
STOP
US SU
End Address Register (WPSTOx)
Setting WPSTAx BPx to logical one, any access inside the two areas defined by the start/end
registers will cause a memory exception (trap 0x2B). The first address of the protected against
write operation is calculated as 0x40000000 + START*4. The first address outside the protected
memory area is calculated as 0x40000000 + END*4 + 4.
Setting WPSTAx BPx to logical zero the area between the start address and the end address
defines the memory where write access is permitted, and a write access outside both areas will
cause a memory exception (trap 0x2B). The first address where write operation is permitted is
calculated as 0x40000000 + START*4. The first address outside the protected allowed area is
calculated as 0x40000000 + END*4 + 4.
The start/end address protection scheme is enabled when at least one of the user mode protec-
tion and the supervisor mode protection is valid. The write protection can be configured to
prevent the application from user and/or supervisor write access.
•
Memory is protected against User write when WPSTOx USx bit is set logical 1
•
Memory is protected against Superviser write when WPSTOx SUx bit is set logical 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com