Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 54Page - ATMEL Corporation AT697F Datasheet HTML 55Page - ATMEL Corporation AT697F Datasheet HTML 56Page - ATMEL Corporation AT697F Datasheet HTML 57Page - ATMEL Corporation AT697F Datasheet HTML 58Page - ATMEL Corporation AT697F Datasheet HTML 59Page - ATMEL Corporation AT697F Datasheet HTML 60Page - ATMEL Corporation AT697F Datasheet HTML 61Page - ATMEL Corporation AT697F Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 155 page
background image
58
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
If used, the parity bit is located between the last data bit and the stop bit of the serial frame.
The relation between the parity bit and data bits is as follows:
P
even
d
7
…
d
3
d
2
d
1
d
0
0
P
odd
⊕
⊕⊕⊕⊕⊕
d
7
…
d
3
d
2
d
1
d
0
1
⊕
⊕⊕⊕⊕⊕
=
=
P
even
Parity bit using even parity
P
odd
Parity bit using odd parity
d
n
Data bit n of the character
Clock Generation
The clock generation logic generates the base clock for the Transmitters and Receivers. The bit rate of the
UART is issued from the clock generator after a combination between the input clock of the clock module
and a scaler.
Uart Clock
Two clock inputs can be used by the clock generator :
•
An internal clock
•
An external clock
Each UART can be configured to use either the internal or the external clock source by program-
ming the UACx
ECx. If set logical zero, the UART is clocked by the internal clock. If
UACx ECx is set logical one, the UART is clocked by the external clock. When using the exter-
nal configuration, the UART clock shall be provided by PIO[3] from the general purpose
interface. This clock input is used as an alternate function for PIO[3].
caution :
When using the external clock source, the frequency of PIO[3] must be less than half the fre-
quency of the system clock.
Baud Rate Generation
To generate the bit-rate, each UART has a programmable 12-bits clock divider (UASCAx).
According to the configuration of the UACx ECx, the scaler is clocked either by the system or
by an external clock.
Each time the scaler underflows, a UART tick is generated. The scaler is automatically reloaded
with the value of the UART scaler register after each underflow. The resulting UART tick fre-
quency should be 8 times the desired baud-rate.
The following equation shall be used to calculate the scaler value to define, depending on the
clock source and the expected baud rate.
scaler
uartclk
10
×
baudrate
8
×
---------------------------------
5
–
10
-------------------------------------------
=
variable description :
•
uartclk : frequency of the uart clock
•
baudrate : expected baud rate
•
scaler : value to set in (UASCAx) to reach the expected baudrate
Communication
Operations
UARTS operations are controlled through the uart control registers (UACx) and the Uart status
registers (UASx).
Transmitter Operation
The transmitter is enabled setting logical one the UACx TEx . When ready to transmit, data is
transferred from the transmitter holding register to the transmitter shift register and converted to
a serial frame on the transmitter serial output pin (TX).
Following the transmission of the stop bit, if a new character is not available in the transmitter
holding register, the transmitter serial data output remains high and the transmitter shift register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com