Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 74Page - ATMEL Corporation AT697F Datasheet HTML 75Page - ATMEL Corporation AT697F Datasheet HTML 76Page - ATMEL Corporation AT697F Datasheet HTML 77Page - ATMEL Corporation AT697F Datasheet HTML 78Page - ATMEL Corporation AT697F Datasheet HTML 79Page - ATMEL Corporation AT697F Datasheet HTML 80Page - ATMEL Corporation AT697F Datasheet HTML 81Page - ATMEL Corporation AT697F Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 155 page
background image
78
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Registers
Description
Table 29. Register legend
Address = 0x01010101
Bit Number
31
30
29
28
27
26
25
24
23
...
...
...
...
9
8
7
6
5
4
3
2
1
0
field name
field
reserved
bit
access type
r=read access
w=write acces
r/w=read and write access
default value after reset
0
100
1
x = undefined or non affected by reset
Integer Unit
Registers
Table 30. Processor State Register- PSR
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
impl[3:0]
ver[3:0]
n
z
v
c
reserved
ec
ef
pil[3:0]
ps
et
cwp[4:0]
r
r
r/w
r/w
r
r
r/w
r/w
r/w
0001
0001
x
x
x
x
xxxxxx
0
x
xxxx
1
1
1
00000
Bit Number
Mnemonic
Description
31..28
impl[3:0]
Implementation or class of implementations of the architecture.
27..24
ver[3:0]
Identify one or more particular implementations or is a readable and writable state field whose properties are
implementation-dependent.
23
n
indicates whether the ALU result was negative for the last instruction modifying icc field.
1 = negative
0 = not negative.
22
z
indicates whether the ALU result was zero for the last instruction modifying icc field.
1 = zero
0 = not zero.
21
v
indicates whether the ALU result was within the range of (was representable in) 32-bit 2’s complement notation
for the last instruction that modified the icc field. 1 = overflow, 0 = no overflow.
20
c
indicates whether a 2’s complement carry out (or borrow) occurred for the last instruction that modified the icc
field. Carry is set on addition if there is a carry out of bit 31. Carry is set on subtraction if there is borrow into bit
31. 1 = carry, 0 = no carry.
13
ec
determines whether the implementation-dependent oprocessor is enabled. If disabled, a coprocessor
instruction will trap. 1 = enabled, 0 = disabled. If an
implementation does not support a coprocessor in ardware, PSR.EC should always read as 0 and writes to it
should be ignored.
12
ef
determines whether the FPU is enabled. If disabled, a floating-point instruction will trap. 1 = enabled, 0 =
disabled. If an implementation does not support a hardware FPU, PSR.EF should always read as 0 and writes
to it should be ignored.
11..8
pil[3:0]
identify the interrupt level above which the processor will accept an interrupt.
7
s
determines whether the processor is in supervisor or user mode. 1 = supervisor mode, 0 = user mode.
6
ps
contains the value of the S bit at the time of the most recent trap.
5
et
determines whether traps are enabled. A trap automatically resets ET to 0. When ET=0, an interrupt request is
ignored and an exception trap causes the IU to halt execution, which typically results in a reset trap that
resumes execution at address 0. 1 = traps enabled, 0 = traps disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com