Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 78Page - ATMEL Corporation AT697F Datasheet HTML 79Page - ATMEL Corporation AT697F Datasheet HTML 80Page - ATMEL Corporation AT697F Datasheet HTML 81Page - ATMEL Corporation AT697F Datasheet HTML 82Page - ATMEL Corporation AT697F Datasheet HTML 83Page - ATMEL Corporation AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation AT697F Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 155 page
background image
82
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Floating Point Unit
Registers
Table 40. FPU Status register - FSR
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
rd[1:0]
tem[4:0]
ns
ver[2:0]
ftt[2:0]
fcc[1:0]
aexc[4:0]
cexc[4:0]
r/w
r/w
r/w
r
r/w
r
r
r/w
r
r
r
xx
xx
00000
x
xx
001
xxx
xx
xxx
xxxxx
00000
local
l7
local register 7
l6
local register 6
l5
local register 5
l4
local register 4
l3
local register 3
l2
nPC (for RETT)
l1
PC (for RETT)
l0
local register 0
out
o7
temp
o6
stack pointer
o5
outgoing parameter register 5
o4
outgoing parameter register 4
o3
outgoing parameter register 3
o2
outgoing parameter register 2
o1
outgoing parameter register 1
o0
outgoing parameter register 0
global
g7
global register 7
g6
global register 6
g5
global register 5
g4
global register 4
g3
global register 3
g2
global register 2
g1
global register 1
g0
global register 0 - always 0x00000000
Table 39. Window Registers
Type
Name
Definition
Bit Number
Mnemonic
Description
31..30
rd[1:0]
Rounding Direction
Defines the rounding direction used by the AT697 FPU during a floating-point arithmetic operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com