Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation AT697F Datasheet HTML 91Page - ATMEL Corporation AT697F Datasheet HTML 92Page - ATMEL Corporation AT697F Datasheet HTML 93Page - ATMEL Corporation AT697F Datasheet HTML 94Page - ATMEL Corporation AT697F Datasheet HTML 95Page - ATMEL Corporation AT697F Datasheet HTML 96Page - ATMEL Corporation AT697F Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 155 page
background image
AT697F ADVANCE INFORMATION
93
7703C–AERO–6/09
Caches Register
Table 57. Cache Control Register - CCR
Address = 0x80000014
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
ds
fd
fi
ib
ip
dp
df
if
r
r/w r/w r/w
r
r/w
r/w
r
r
r/w
r/w
r/w
r/w
r/w r/w
r/w
r/w
11110111
0
0
0
10
xx
0
x
x
00
00
00
00
x
x
00
00
Bit Number
Mnemonic
Description
23
ds
Data cache snoop enable
If set, will enable data cache snooping.
22
fd
Flush data cache
If set, will flush the data cache. Always reads as zero.
21
fi
Flush Instruction cache
If set, will flush the instruction cache. Always reads as zero.
20..19
cpc[1:0]
Cache parity bits
Indicates how many parity bits are used to protect the caches
“00” = none,
“01” = 1 parity bits,
“10” = 2 parity bits,
“11” = not used
18..17
cpte[1:0]
Cache parity test bits
These bits are XOR’ed to the data and tag parity bits during diagnostic writes.
16
ib
Instruction burst fetch
This bit enables burst fill during instruction fetch.
15
ip
Instruction cache flush pending
This bit is set when an instruction cache flush operation is in progress.
14
dp
Data cache flush pending
This bit is set when an data cache flush operation is in progress.
13..12
ite[1:0]
Instruction cache tag error counter
This filed is incremented every time an instruction cache tag parity error is detected.
11.10
ide[1:0]
Instruction cache data error counter
This field is incremented each time an instruction cache data sub-block parity error is detected.
9..8
dte[1:0]
Data cache tag error counter
This filed is incremented every time a data cache tag parity error is detected.
7..6
dde[1:0]
Data cache data error counter
This field is incremented each time an instruction cache data sub-block parity error is detected
5
df
Data Cache Freeze on Interrupt
If set, the data cache will automatically be frozen when an asynchronous interrupt is taken.
4
if
Instruction Cache Freeze on Interrupt
If set, the instruction cache will automatically be frozen when an asynchronous interrupt is taken.
3..2
dcs[1:0]
Data Cache state
Define the current data cache according to the following :
“X0” = disabled
“01” = frozen
“11” = enabled
Set to “00” at reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com