Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 70Page - ATMEL Corporation AT697F Datasheet HTML 71Page - ATMEL Corporation AT697F Datasheet HTML 72Page - ATMEL Corporation AT697F Datasheet HTML 73Page - ATMEL Corporation AT697F Datasheet HTML 74Page - ATMEL Corporation AT697F Datasheet HTML 75Page - ATMEL Corporation AT697F Datasheet HTML 76Page - ATMEL Corporation AT697F Datasheet HTML 77Page - ATMEL Corporation AT697F Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 155 page
background image
74
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
The PLL implemented is configured by hardware to provide a cpu clock frequency four times the
frequency of the input clock.
PLL control
The PLL control is done by hardware through dedicated ports, including a bypass, a clock input
and a filter input.
The following table presents the assignement and functions of the PLL control signals.
Table 27. PLL ports description
Pin name
Function
LOCK
Lock
CLK
Board clock input
BYPASS
Bypass
Operation
To drive the device from the internal PLL, the CLK input shall be driven by an external clock gen-
erator while the BYPASS pin is driven low. In that way, the CPU clock frequency is four time the
frequency of the clock applied to CLK.
When the PLL based CPU clock source is selected, the clock input shall be driven at a fre-
quency in the range of 18MHz up to 25MHz.
Fault Tolerance &
Clock
To prevent erroneous operations from single event transient (SET) errors and single event upset
(SEU), the AT697F processor is based on full triple modular redundancy (TMR) architecture.
Figure 48. TMR structure
Such architecture is based on a fully triplicated clock distribution (CLK1, CLK2 and CLK3). In
that way, each one of the PCI clock and the cpu clock are build as three-clock trees.
Skew
To prevent the processor from corruption by single event transient (SET) phenomenon, addi-
tional skew can be programmed on the clock trees. The two dedicated pins SKEW1 and SKEW0
are used to program the delay induced by the skew.
Here is a short description of the skew implementation :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com