Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 48Page - ATMEL Corporation AT697F Datasheet HTML 49Page - ATMEL Corporation AT697F Datasheet HTML 50Page - ATMEL Corporation AT697F Datasheet HTML 51Page - ATMEL Corporation AT697F Datasheet HTML 52Page - ATMEL Corporation AT697F Datasheet HTML 53Page - ATMEL Corporation AT697F Datasheet HTML 54Page - ATMEL Corporation AT697F Datasheet HTML 55Page - ATMEL Corporation AT697F Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 155 page
background image
52
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
PCI Interface
Overview
The PCI interface implementation is compliant with the PCI 2.2 specification. It is a high perfor-
mance 32-bit bus interface with multiplexed address and data lines. It is intended for use as an
interconnect mechanism between processor/memory systems and peripheral controller
components.
The AT697 processor embedds the In-Silicon PCI core. It is interfaced to the processor core
through the PCI to AMBA bridge developped by the European Space Agency.
The PCI bus operations can be clocked at a frequency up to 33MHz, independently of the pro-
cessor clock. Synchronization of the operation between PCI interface and AT697 core implies
numerous FIFO usage. This implementation allows to use the device for Initiator (Master) and
Target operations. In each mode single word and burst transfer can be executed.
Two different operating modes can be used with the PCI interface :
•
Host Bridge
The host-bridge connects the local bus of a processor to the PCI bus. Its PCI configuration
registers are accessible locally by the processor, but not through PCI configuration cycles.
Host-bridge initialises other satellite devices through PCI configuration commands.
•
Satellite
The satellite is a PCI device, configurable via PCI configuration cycles and the idsel line, but
not locally.
Both, host-bridge and satellites can be initiator and/or target on the bus. The present interface
has universal functionality, allowing both operation modes. The mode is configured via a hard-
ware bootstrap on the SYSEN* pin. The state of the SYSEN* pin is copied in PCIIS SYS. This
enables plug and play boot programs loading the appropriate driver depending on the hardware
configuration. In the same manner, the configuration registers are made visible as read only
when the device is configured as satellite
Some other features are supported by this interface like
•
Target lock support
•
Zero-latency Fast Back-to-Back transfers
•
Zero wait state burst mode transfers
•
Support for memory read line/multiple
•
Support for memory write and invalidate commands
•
Delayed read support
•
Flexible error reporting by polling
The PCI bus is a multiplexed one. In this way, address and data through the same medium. That
is why PCI communication is based on two phase burst transfer. Each transfer is composed of
the following phases :
•
An address phase
During the address phase, the initiator of the communication drives the 32-bit address
concerned by the transfer and the command involved through this transfer. The command
defines the space area concerned with the transfer and the direction of the transfer.
•
A data phase
During the data phase the initiator of the communication drives the enable bit signal so that
only active part of the bus is enabled. When reading, the initiator drives the enable bits and
the target set the data on the bus.
PCI Initiator
(Master)
The PCI initiator mode of the AT697 gives a direct memory-mapped (initiator) access to the PCI
bus. Any access to a memory address in the PCI address range is automatically translated by
the interface into the appropriate PCI transaction. In this configuration, the PCI bus is accessed
by the same instructions as the main memory. The SPARC instruction set foresees various
load/store instruction types. The PCI bus foresees 32 bit wide transactions with byte-enables for
each byte lane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com