Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 83Page - ATMEL Corporation AT697F Datasheet HTML 84Page - ATMEL Corporation AT697F Datasheet HTML 85Page - ATMEL Corporation AT697F Datasheet HTML 86Page - ATMEL Corporation AT697F Datasheet HTML 87Page - ATMEL Corporation AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation AT697F Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 155 page
background image
AT697F ADVANCE INFORMATION
87
7703C–AERO–6/09
12..9
rambs[3:0]
SRAM bank size.
Defines the size of each ram bank
“0000” = 8 Kbyte,
“0001” = 16 Kbyte,
...
“1111” = 256 Mbyte.
7
rambrdy
RAM area bus ready enable.
For RAM Bank 4 (RAMSN[4]). If set to one, a RAM access will be extended until BRDY* is asserted (driven
low).
6
rmw
Read-modify-write.
if set, Enable read-modify-write cycles on sub-word writes to 32-bit areas with common write strobe (no byte
write strobe).
5..4
ramwdh[1:0]
SRAM bus width.
Defines the data with of the SRAMarea:
“00” = 8 bits,
“1X” = 32 bits.
3..2
ramwws[1:0]
SRAM write waitstates.
Defines the number of waitstates during SRAM write cycles:
“00” = 0 waitstate,
“01” = 1 waitstates,
“10” = 2 waitstates,
“11” = 3 waitstates.
1..0
ramrws[1:0]
SRAM read waitstates.
Defines the number of waitstates during SRAM read cycles:
“00” = 0 waitstate,
“01” = 1 waitstates,
“10” = 2 waitstates,
“11” = 3 waitstates.
Table 47. Memory Configuration Register 3 - MCFG3
Address = 0x80000008
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
srcrv[14:0]
wb
rb
re
pe
tcb[6:0]
r
r/w
r/w r/w r/w r/w
r/w
11101
xxx xxxx xxxx xxxx
0
0
x
x
xxxx xxxx
Bit Number
Mnemonic
Description
26..12
srcrv[14:0]
SDRAM refresh counter reload value.
11
wb
EDAC diagnostic write bypass
10
rb
EDAC diagnostic read bypass
9
re
RAM EDAC enable.
Enable EDAC checking of the RAM area
8
pe
PROM EDAC enable.
Enable EDAC checking of the PROM area. At reset, this bit is initialised with the value of PIO[2]
7..0
tcb[6:0]
Test checkbits.
This field replaces the normal checkbits during store cycles when WB is set. TCB is also loaded with the
memory checkbits during load cycles when RB is set.
Bit Number
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com