Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 63 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 63 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 59Page - ATMEL Corporation AT697F Datasheet HTML 60Page - ATMEL Corporation AT697F Datasheet HTML 61Page - ATMEL Corporation AT697F Datasheet HTML 62Page - ATMEL Corporation AT697F Datasheet HTML 63Page - ATMEL Corporation AT697F Datasheet HTML 64Page - ATMEL Corporation AT697F Datasheet HTML 65Page - ATMEL Corporation AT697F Datasheet HTML 66Page - ATMEL Corporation AT697F Datasheet HTML 67Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 155 page
background image
AT697F ADVANCE INFORMATION
63
7703C–AERO–6/09
DSU Memory Map
Table 23.
Address
Register
0x800000c4
DSU UART status register
0x800000c8
DSU UART control register
0x800000cc
DSU UART scaler register
0x90000000
DSU control register
0x90000004
Trace buffer control register
0x90000008
Time tag counter
0x90000010
AHB break address 1
0x90000014
AHB mask 1
0x90000018
AHB break address 2
0x9000001C
AHB mask 2
0x90010000 - 0x90020000
Trace buffer
..0
Trace bits 127 - 96
...4
Trace bits 95 - 64
...8
Trace bits 63 - 32
...C
Trace bits 31 - 0
0x90020000 - 0x90040000
IU/FPU register file
0x90080000 - 0x90100000
IU special purpose registers
0x90080000
Y register
0x90080004
PSR register
0x90080008
WIM register
0x9008000C
TBR register
0x90080010
PC register
0x90080014
NPC register
0x90080018
FSR register
0x9008001C
DSU trap register
0x90080040 - 0x9008007C
ASR16 - ASR31 (when implemented)
0x90100000 - 0x90140000
Instruction cache tags
0x90140000 - 0x90180000
Instruction cache data
0x90180000 - 0x901C0000
Data cache tags
0x901C0000 - 0x90200000
Data cache data
DSU Map
The addresses of the IU/FPU registersis defined according to how many register windows has
been implemented. The registers can be accessed at the following addresses (NWINDOWS =
number of SPARC register windows = 8):
•%on: 0x90020000 + (((psr.cwp * 64) + 32 + n) mod (NWINDOWS*64))
•%ln: 0x90020000 + (((psr.cwp * 64) + 64 + n) mod (NWINDOWS*64))
•%in: 0x90020000 + (((psr.cwp * 64) + 96 + n) mod (NWINDOWS*64))
•%gn: 0x90020000 + (NWINDOWS*64) + 128
•%fn: 0x90020000 + (NWINDOWS*64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com