Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 24Page - ATMEL Corporation AT697F Datasheet HTML 25Page - ATMEL Corporation AT697F Datasheet HTML 26Page - ATMEL Corporation AT697F Datasheet HTML 27Page - ATMEL Corporation AT697F Datasheet HTML 28Page - ATMEL Corporation AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 155 page
background image
28
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
When a read access to SRAM is performed, a separate output enable signal is provided for each
SRAM bank and it is only asserted when that bank is selected.
Figure 10. SRAM read transaction (0-waitstate)
data1
data2
D1
lead-out
A1
CLK
A
RAMS*
D
RAMOE*
SRAM Write Access
Each byte lane has an individual write strobe (RAMWE*) to allow efficient byte and half-word
writes.
Each write access to SRAM consists of three states and between zero and three waitstates. The
three mandatory states are divided in one write setup cycle, one data cycle and one lead-out
cycle.
Figure 11. SRAM write transaction (0-waitstate)
lead-in
data
lead-out
D1
A1
CLK
A
RAMS*
D
RWE*
If the external memory use a common write strobe for the full 32-bit data, set the
MCFG2 RMW. This will enable read-modify-write transactions for sub-word writes.
Waitstates
For application using slow SRAM memories, the SRAM controller provides the capability to
insert wait-states during the SRAM accesses. Two types of wait-states can be inserted :
•
Programmed delay, available for bank 0 up to bank 4
•
‘Hardware’ bus delay, available for bank 4 only
Up to three waitstates can be programmed for SRAM accesses. Read and write waitstates can
be individually programmed. Setting the MCFG2 RAMRWS value defines the number of wait-
states to insert during an SRAM read. Setting the MCFG2
RAMWWS value defines the
number of waitstates to insert during an SRAM write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com