Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 45Page - ATMEL Corporation AT697F Datasheet HTML 46Page - ATMEL Corporation AT697F Datasheet HTML 47Page - ATMEL Corporation AT697F Datasheet HTML 48Page - ATMEL Corporation AT697F Datasheet HTML 49Page - ATMEL Corporation AT697F Datasheet HTML 50Page - ATMEL Corporation AT697F Datasheet HTML 51Page - ATMEL Corporation AT697F Datasheet HTML 52Page - ATMEL Corporation AT697F Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 155 page
background image
AT697F ADVANCE INFORMATION
49
7703C–AERO–6/09
General
Purpose
Interface
The general purpose interface (GPI) consists in a 32-bit wide I/O port with alternate facilities.
GPI as 32-bit I/O
port
The interface is based on bi-directional I/O ports.The port is split in two parts, with the lower 16-
bits accessible by the parallel IO pads and the upper 16-bits via the data bus.
lower 16-bits
The lower 16-bits of the general purpose interface are accessible through PIO[15:0]. All I/O ports
have true Read-Modify-Write functionality when used as general I/O ports. This means that the
direction of one port pin can be changed without unintentionally the direction of any other pin.
The same applies when changing the drive value of the port.
Figure 33. I/O port block diagram
IO Direction Reg.
IO Data Reg.
IODIR
IODAT
D
Q
D
Q
D
Q
PIOx
clock
- PIO[15:0]
configuring the pin
Each pin from PIO[15:0] consists of two register bits : IODIRx and IODATx. As shown in the
“Register Description” section, the IODIRx bits are accessed at IODIR address and iodatx at
IODAT address.
The IODIR IODIRx bit selects the direction for port number x. If IODIRx is written logic one, the
corresponding pin is configured as output. If written logic zero, the pin is configured as an input.
When the pin is configured as an input, a read of the IODAT IODATx bit returns the current
value of the pin. When the pin is configured as an output, if a logical one is written to IODAT-
IODATx bit, the port x is driven high. If a logical zero is written to IODAT IODATx bit, the port
x is driven low.
switching between input
& output
When the port x is switched from input to output by switching IODIRx, the value of IODATx is
immediatly driven on the corresponding pin.When switched from output to input by toggling
IODIRx, the value from the pin is immediatly written to IODATx.
upper 16-bits
The upper 16-bits of the general purpose interface are accessible through D[15:0]. They can
only be used when all memory areas (ROM, RAM and I/O) are 8-bit wide. If the SDRAM control-
ler is enabled, the upper 16-bits cannot be used.
Figure 34. I/O port block diagram
IO Direction Reg.
IO Data Reg.
MEDDIR/LOWDIR
MEDDAT/LOWDAT
D
Q
D
Q
D
Q
Dx
clock
- D[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com