Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 25Page - ATMEL Corporation AT697F Datasheet HTML 26Page - ATMEL Corporation AT697F Datasheet HTML 27Page - ATMEL Corporation AT697F Datasheet HTML 28Page - ATMEL Corporation AT697F Datasheet HTML 29Page - ATMEL Corporation AT697F Datasheet HTML 30Page - ATMEL Corporation AT697F Datasheet HTML 31Page - ATMEL Corporation AT697F Datasheet HTML 32Page - ATMEL Corporation AT697F Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 155 page
background image
AT697F ADVANCE INFORMATION
29
7703C–AERO–6/09
Figure 12. RAM read access with one programmed waitstate
data2
waitstate
D1
lead-out
A1
CLK
A
RAMS*
D
OE*
data1
For and only for RAM bank 4, If the application needs more delay during the SRAM transfer, it is
possible to introduce more delay by activating the hardware bus ready ( BRDY* ) detection in
MCFG2. Refer to paragraph “BRDY Wait states”, page 38.
Bus width
To support applications with low memory performance requirements, the SRAM area can be
configured for 8-bit operations. The configuration of SRAM in 8-bit mode is done programming
MCFG2 RAMWDH, SRAM bus width field.
When the SRAM bus is configured as an 8-bit wide bus, data 31 downto 24 shall be used as
interface.
Figure 13.
CS
OE
WE
A
D
SRAM
RAMOE0*
AD
AT697F
A[27:0]
D[31:24]
D[31:24]
A[27:0]
RWE0*
RAMS0*
SRAM 8-bit bus width connection
Since access to memory is always done on 32-bit word basis, read access to 8-bit memory will
be transformed in a burst of four read transactions. If EDAC protection is active, 5 read cycles
are necessary to complete the access (please refer to “Error Management - EDAC”, page 40 for
more details). During write operation, only the necessary bytes are writen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com