Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 39Page - ATMEL Corporation AT697F Datasheet HTML 40Page - ATMEL Corporation AT697F Datasheet HTML 41Page - ATMEL Corporation AT697F Datasheet HTML 42Page - ATMEL Corporation AT697F Datasheet HTML 43Page - ATMEL Corporation AT697F Datasheet HTML 44Page - ATMEL Corporation AT697F Datasheet HTML 45Page - ATMEL Corporation AT697F Datasheet HTML 46Page - ATMEL Corporation AT697F Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 155 page
background image
AT697F ADVANCE INFORMATION
43
7703C–AERO–6/09
Cache
Memories
Overview
The AT697F processor implements a Harvard architecture with separate instruction and data
buses, connected to two independent cache controllers. In order to improve the speed perfor-
mance of the cpu core, multi-set-caches are used for both instruction and data caches.
The cache replacement policy used for both instruction and data caches is based on the LRU
algorithm. The least recently used (LRU) set of the cache is replaced when new data need to be
stored in cache.
Cache mapping
Most of the main memory areas can be cached. The cacheable areas are the PROM and RAM
areas. The following table presents the caching capabilities of the processor.
Table 17.
Address Range
Area
Cache status
0x00000000 - 0x1FFFFFFF
PROM
Cached
0x20000000 - 0x3FFFFFFF
I/O
Non-cacheable
0x40000000 -0x7FFFFFFF
RAM
Cached
0x80000000 -0xFFFFFFFF
Internal
Non-cacheable
Cache Capability List
Operation
During normal operation, the processor accesses instructions and data using ASI 0x8 - 0xB as
defined in the SPARC standard.
Using the LDA/STA instructions, alternative address spaces as caches can be accessed.
ASI[3:0] are used for the mapping when ASI[7:4] have no influence on operation.
•
Access with ASI 0 - 3 will force a cache miss, update the cache if the data was previously
cached or allocate a new line if the data was not in the cache and the address refers to a
cacheable location.
•
Access to ASI 4 and 7 will force a cache miss and update the cache if the data was
previously cached.
The following table shows the ASI implementation on the AT697F.
Table 18. ASI Usage
ASI
Usage
0x0, 0x1, 0x2, 0x3
Forced cache miss (replace if cacheable)
0x4, 0x7
Forced cache miss (update on hit)
0x5
Flush instruction cache
0x6
Flush data cache
0x8, 0x9, 0xA, 0xB
Normal cached access (replace if cacheable)
0xC
Instruction cache tags
0xD
Instruction cache data
0xE
Data cache tags
0xF
Data cache data
Note:
Please refer to the SPARC v8 specification for detailed information on ASI usage.
Instruction Cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com