Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 92 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 92 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 88Page - ATMEL Corporation AT697F Datasheet HTML 89Page - ATMEL Corporation AT697F Datasheet HTML 90Page - ATMEL Corporation AT697F Datasheet HTML 91Page - ATMEL Corporation AT697F Datasheet HTML 92Page - ATMEL Corporation AT697F Datasheet HTML 93Page - ATMEL Corporation AT697F Datasheet HTML 94Page - ATMEL Corporation AT697F Datasheet HTML 95Page - ATMEL Corporation AT697F Datasheet HTML 96Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 155 page
background image
Table 55. Fail Address Register - FAILAR
Address = 0x8000000C
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
fa[31:0]
r
xxxx xxxx xxxx xxxx xxxx xxxx xxxx xxxx
Bit Number
Mnemonic
Description
31..0
fa[31:0]
Failing Address
This field contains the address of the access that triggered an error response. This register is updated each
time an error occurs on the internal bus.
Table 56. Fail Status Register - FAILSR
Address = 0x80000010
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
reserved
ee
ev
rw
hmaster[3:0]
hsize[2:0]
r/w
r/w r/w
r
r
r
xxxxxxxxxxxxxxx
0
0
0
0
0
0
0
0
0
0
Bit Number
Mnemonic
Description
9
ee
EDAC Correctable error
Set when a correctable EDAC error is detected.
8
ev
Error Valid.
Set when a new error occurred.
7
rw
Read/Write.
This bit is set if the failed access was a read cycle, otherwise it is cleared.
6..3
hmaster[3:0]
AHB master.
This field contains the HMASTER[3:0] of the failed access.
2..0
hsize[2:0]
Transfer Size.
This filed contains the HSIZE[2:0] of the failed transfer.
92
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Note:
Any access triggering an error response on the AHB bus will be registered in two registers; AHB
failing address register and AHB status register.The failing address register will store the address
of the access while the AHB status register will store the access and error type.The registers are
updated when an error occur, and the EV (error valid) is not set. When the EV bit is set, interrupt 1
is generated to inform the processor about the error. After an error, the EV bit has to be reset by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com