Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT697F Datasheet(PDF) 132 Page - ATMEL Corporation

Part # AT697F
Description  Rad-Hard 32 bit SPARC V8 Processor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT697F Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button AT697F Datasheet HTML 128Page - ATMEL Corporation AT697F Datasheet HTML 129Page - ATMEL Corporation AT697F Datasheet HTML 130Page - ATMEL Corporation AT697F Datasheet HTML 131Page - ATMEL Corporation AT697F Datasheet HTML 132Page - ATMEL Corporation AT697F Datasheet HTML 133Page - ATMEL Corporation AT697F Datasheet HTML 134Page - ATMEL Corporation AT697F Datasheet HTML 135Page - ATMEL Corporation AT697F Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 155 page
background image
132
7703C–AERO–6/09
AT697F ADVANCE INFORMATION
Maximum Skew
Test Conditions
•
Maximum Skew Programmed
•
Temperature range : -55°C to 125°C
•
Voltage range :
–
I/O: 3,3V +/- 0,30V
–
Core: 1,8V +/- 0,15V
•
Output load : 30pF
Table 127. AC Characteristics - Maximum Skew
Parameter
Min
(ns)
Max
(ns)
Comment
Reference edge
(‘+’ for rising edge)
t1
11
CLK Period with PLL disable
t1_p
44
57
CLK Period with PLL enable
t2
4.95
CLK Low and High pulse width - PLL disabled
t2_p
20
CLK Low and High pulse width - PLL enabled
t3
11
SDCLK Period
t4
3.5
7
SDCLK output delay - PLL disabled
CLK
t5
1.107
PLL setup time
t6
1*t3
Reset Pulse Width
t10
1.5
8
A[27:0] output delay
SDCLK +
t11
1.5
9
D[31:0] and CB[7:0] output delay
SDCLK +
t12
4
D[31:0] and CB[7:0] setup time
SDCLK +
t13
0
D[31:0] and CB[7:0] hold time
SDCLK +
t14
D[31:0] and CB[7:0] hold time during write
SDCLK +
t15
1.5
8.5
OE*, READ and WRITE* output delay
SDCLK +
t16
1.5
6.5
ROMS*[1:0] output delay
SDCLK +
t17
7
RAMS*[4:0], RAMOE*[4:0] and RWE*[3:0] output delay
SDCLK +
t18
1.5
6.5
IOS* output delay
SDCLK +
t19
5
BRDY* setup time
SDCLK +
t20
0
BRDY* hold time
SDCLK +
t21
3
9.5
SDCAS* output delay
SDCLK +
t22
3
9.5
SDCS*[1:0], SDRAS*, SDWE* and SDDQM*[3:0] output delay
SDCLK +
t23
6
BEXC* setup time
SDCLK +
t24
0
BEXC* hold time
SDCLK +
t25
2.5
9
PIO[15:0] output delay
SDCLK +
t26
6
PIO[15:0] setup time
SDCLK +
t27
0
PIO[15:0] hold time
SDCLK +
t28
PIO[15:0] hold time during write
SDCLK +
t101
30
PCI_CLK period
t102
13.5
PCI_CLK low and high pulse width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com