Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 65 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 65 Page - ams AG

Back Button AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
64 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
Logical Operation Commands
or command provides a binary or between variables:
and command provides a binary and between variables:
Table 102. or Command
or Command
Name
Bits
Bitname
Parameter Description
or
Compiler syntax: OR, input variable, output variable;
D15:D9
1000101b
D8:D7
input variable
0ra
1rb
2rc
3rd
D6:D4
001b
D3:D0
output
variable
0h
set ra = ra or <input variable>
5h
set rb = rb or <input variable>
Ah
set rc = rc or <input variable>
Fh
set rd = rd or <input variable>
other
values
don’t use
Table 103. and Command
and Command
Name
Bits
Bitname
Parameter Description
and
Compiler syntax: AND, input variable, output variable;
D15:D9
1000110b
D8:D7
input variable
0ra
1rb
2rc
3rd
D6:D4
001b
D3:D0
output
variable
0h
set ra = ra and <input variable>
5h
set rb = rb and <input variable>
Ah
set rc = rc and <input variable>
Fh
set rd = rd and <input variable>
other
values
don’t use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com