Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 17 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 17 Page - ams AG

Back Button AS3665 Datasheet HTML 13Page - ams AG AS3665 Datasheet HTML 14Page - ams AG AS3665 Datasheet HTML 15Page - ams AG AS3665 Datasheet HTML 16Page - ams AG AS3665 Datasheet HTML 17Page - ams AG AS3665 Datasheet HTML 18Page - ams AG AS3665 Datasheet HTML 19Page - ams AG AS3665 Datasheet HTML 20Page - ams AG AS3665 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
16 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C u r r e n t S o u r c e s
7. LED7, LED8 and LED9 have the option to be powered by VBAT directly (configured by
LED7_on_cp...LED9_on_cp)
Interface to sequencers
pwm_LED1 (see page 22), pwm_LED2...pwm_LED9 is the input PWM value of the current sources (8 bit value). This
value can be either controlled by the I
2C interface or by any of the sequencers (see section Sequencers on page 48).
Logarithmic/Linear Ramping
All current sources support logarithmic or linear ramping (selected by register bits loglin1 (see page 25),
loglin2...loglin9). As light is perceived logarithmically, it is recommended to keep the current sources in logarithmic
mode (default setting).
RGB Color Correction
The RGB Color correction changes the output PWM value depending on the temperature (either the junction tempera-
ture if temp_int_ext (see page 24)=0, or a I
2C value stored in led_temp (see page 24) if temp_int_ext=1). This compen-
sates different temperature drifts of LEDs and keep the white point over temperature. The slope of this temperature
compensation is adjustable with the register color_slope1 (see page 25), color_slope2...color_slope9 (set to 0 if the
color correction is not used).
Faders
There are three global faders: fader1 (see page 23), fader2 and fader3. Each current source can be configured to be
multiplied by any of the three faders (controlled by fader_src1 (see page 25), fader_src2...fader_src9). Therefore a
fader can operate on any number of current sources in parallel (e.g. to generate smooth fade-out effects on several
LEDs). The faders can operate linear or logarithmic (defined by fader_loglin1 (see page 23), fader_loglin2 and
fader_loglin3).
Analog Current Setting
All current sources can be completely enabled/disable by the register
LED1_on, LED2_on...LED9_on. The actual
analog current is set by
LED_current1 (see page 17), LED_current2...LED_current9. The maximum current
driving capability of the current sources is set by registers
LED1_max (see page 20), LED2_max...LED9_max
6
.
Current Source Registers
Analog Current setting registers
6. Always use the minimum setting for LED1_max, LED2_max...LED9_max suitable for the application to
reduce quiescent current of the internal current source
Table 9. LED_Control1 Register
Addr: 02h
LED_Control1 Register
Bit
Bit Name
Default Access
Description
0
LED1_on
0b
R/W
0
LED1 is off
1
LED1 is enabled
1
LED2_on
0b
R/W
0
LED2 is off
1
LED2 is enabled
2
LED3_on
0b
R/W
0
LED3 is off
1
LED3 is enabled
3
LED4_on
0b
R/W
0
LED4 is off
1
LED4 is enabled
4
LED5_on
0b
R/W
0
LED5 is off
1
LED5 is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com