Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 56 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 56 Page - ams AG

Back Button AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
55 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
possible (see Trigger pin TRIG on page 39):
With the MUX set start address and MUX set end address commands the memory area for the multiplexer between
the sequencers and the output PWM generators are initialized. (see MUX tables - assignments of sequencers to chan-
nels on page 49):
Table 80. Trigger Command
Trigger Command
Name
Bits
Bitname
Parameter Description
Trigger
Compiler syntax: TRG, wait trigger channels, send trigger channels;
D15:D13
111b
Wait for trigger from...
D12
Ext Trig
0
no trigger
1
wait for external trigger from pin TRIG
1
1. Set trig_input_on (see page 39)=1 to enable the input.
D11:D10
XXb
D9
CH3
0
no trigger
1
wait for trigger from sequencer 3
D8
CH2
0
no trigger
1
wait for trigger from sequencer 2
D7
CH1
0
no trigger
1
wait for trigger from sequencer 1
Send trigger to...
D6
Ext Trig
0
no trigger
1
send trigger to pin TRIG
D5:D4
XXb
D3
CH3
0
no trigger
1
send trigger to sequencer 3
D2
CH2
0
no trigger
1
send trigger to sequencer 2
D1
CH1
0
no trigger
1
send trigger to sequencer 1
D0
Xb
Table 81. MUX set start address Command
MUX set start address Command
Name
Bits
Bitname
Parameter Description
MUX set start
address
Compiler syntax: MSS, RAM address;
D15:D7
10011100
0b
D6:D0
RAM address 0-127
Sets the multiplexer start address to ‘RAM address’. After the
next command is executed the multiplexer for this sequencer is
initialized by the content of this ‘RAM address’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com