Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 35 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 35 Page - ams AG

Back Button AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
34 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Audi o I np ut
Audio Input
Figure 20. Audio Input internal Circuit
The audio input can be used to connect an analog audio signal to the AS3665 and do lighting effects dependent on this
input signal on pad INT/AUDIO_IN
8.
The audio processing path is shown in Figure 20: The audio signal is amplified by the input amplifier with an adjustable
gain setting to allow different audio input levels. With the ADC the signal is converted into a digital 10 bits signal. After
the AGC, the data is filtered and then can be used with the sequencer command Get ADC (see page 67). The
sequencers can then run different filter and processing algorithms to obtain the lighting effects.
7
result_not_ready
NA
R
Indicates end of ADC conversion cycle
0
Result is ready
1
Conversion is running
Table 44. ADC_LSB_Result Register
Addr: 0Bh
ADC_LSB_Result Register
Bit
Bit Name
Default Access
Description
2:0
adc<2:0>
NA
R
ADC Result bits 2:0 (LSBs)
8. Set int_mode=01 (analog input for ball INT/AUDIO_IN) and set adc_select=0 (to select audio buffer)
Table 45. Audio_Control Register
Addr: 1Ch
Audio_Control Register
Bit
Bit Name
Default Access
Description
0
audio_on
0b
R/W
Enable AGC and Peak Detect for audio processing
0
Get ADC gets ADC value directly
1
Get ADC uses AGC and audio filter -recommended
setting if a audio signal is connected to the AS3665
Table 43. ADC_MSB_Result Register (Continued)
Addr: 0Ah
ADC_MSB_Result Register
Bit
Bit Name
Default Access
Description




 !
" #$$"
%
& $'
!
(
" "'
" )$
*$+ $"$'
))
,
%$
' $
AS3665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com