Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 31 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 31 Page - ams AG

Back Button AS3665 Datasheet HTML 27Page - ams AG AS3665 Datasheet HTML 28Page - ams AG AS3665 Datasheet HTML 29Page - ams AG AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
30 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C h a r g e P u m p
The operating modes are controlled according to the following tables:
Table 37. CP_Control Register
Addr: 05h
CP_Control Register
Bit
Bit Name
Default Access
Description
1:0
cp_mode
00b
R/W
Operating mode of charge pump (in manual mode sets the
operating mode, in automatic mode reports the mode)
00
1:1 mode
01
1:1.5 mode
10
1:2 mode
11
reserved - don’t use
3:2
cp_mode_switching
00b
R/W
Mode switching control
00
1:1, 1:1.5 automatically up and down switching
01
1:1, 1:1.5 automatically up switching
10
1:1, 1:1.5, 1:2 automatically up switching
11
Manual mode switching; mode defined by cp_mode
4
cp_auto_on
1b
R/W
Automatically switch on the charge pump if required
0
Charge pump should be enabled by cp_on
1
CP is automatically enabled if a current source is
enabled
1
1. Exception: LED7...LED9 if connected to VBAT. Defined by register LED7_on_cp, LED8_on_cp and
LED9_on_cp.
5
cp_on
0b
R/W
Automatically switch on the charge pump if required
0
The charge pump stays in 1:1 mode
(unless cp_auto_on is set)
1
Enable manual or automatic mode switching
7:6
cp_down_hyst
00b
R/W
Control the hysteresis for down switching
from 1:1.5 to 1:1 mode
00
default hysteresis
01
default-75mV hysteresis
10
default-150mV hysteresis
11
default-225mV hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com