Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 58 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 58 Page - ams AG

Back Button AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
57 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
With the MUX previous address command the MUX pointer can be moved up in the MUX table (see page 49):
With the MUX set RM and MUX reset RM command the sequencer can be configured for ratiometric mode or PWM
mode:
MUX fade is used to set the sequencer in ratiometric mode and configure the faders which are connected to this
sequencer with one single command - no additional MUX tables are required:
Table 86. MUX previous address Command
MUX previous address Command
Name
Bits
Bitname
Parameter Description
MUX previous
address
Compiler syntax: MPA;
D15:D0
10011101
11000000b
(9D8Ch)
decrease the MUX pointer by one; if the address would be below the
address defined by MUX set start address, reset the MUX pointer to the
address defined by MUX set end address; load the MUX with the content
of this memory address
Table 87. MUX set RM Command
MUX set RM Command
Name
Bits
Bitname
Parameter Description
MUX set RM
Compiler syntax: SRM;
D15:D0
10011101
00100000b
(9D20h)
Set Sequencer ratiometric mode - see MUX tables - assignments of
sequencers to channels on page 49
Table 88. MUX reset RM Command
MUX reset RM Command
Name
Bits
Bitname
Parameter Description
MUX reset RM
Compiler syntax: RRM;
D15:D0
10011101
01000000b
(9D40h)
Reset Sequencer ratiometric mode (= PWM mode) - see MUX tables -
assignments of sequencers to channels on page 49
Table 89. MUX fade Command
MUX fade Command
Name
Bits
Bitname
Parameter Description
MUX fade
Compiler syntax: MXF,<faders>;
D15:D3
10011101
00100b
Set Sequencer ratiometric mode - see MUX tables - assignments of
sequencers to channels on page 49 and configure the faders, which are
connected to this sequencer.
D2
fader3
1
sequencer controls fader 3
0
sequencer does not control fader 3
D1
fader2
1
sequencer controls fader 2
0
sequencer does not control fader 2
D0
fader1
1
sequencer controls fader 1
0
sequencer does not control fader 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com