Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 44 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 44 Page - ams AG

Back Button AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG AS3665 Datasheet HTML 43Page - ams AG AS3665 Datasheet HTML 44Page - ams AG AS3665 Datasheet HTML 45Page - ams AG AS3665 Datasheet HTML 46Page - ams AG AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
43 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n I
2C mode Serial Data Bus
Figure 24. Data Read (Write Pointer, Then Read) - Slave Receive and Transmit
Blockwrite/read boundaries
If more than a single data-byte is written to or read from the AS3665 the address boundaries described in Table 54shall
not be crossed
13:
Program Downloading
There are two possibilities to download programs - Program Direct Access and Program Download using Page
Select
14:
Program Direct Access
Wring to I
2C register Program_Direct_Access allows direct access to the complete internal program memory using a
single blockwrite command. Program downloading starts from address <n> and each program word is transferred with
two I
2C bytes (MSB first) as shown in Figure 25.
Table 54. Blockwrite/read boundaries
Area
Start
End
Area 1
00h
0Fh
Area 2
10h
18h
Area 3
19h
3Eh
Area 4 - Program Page Select
5Fh
Area 5 - Program Access
60h
7Fh
Area 7
80h
CEh
Area 8 - SRAM
D0h
DFh
Area 9 - Program Direct Access
FEh - special I
2C command
13.A single blockread or write shall not operate e.g. from 5Fh to 62h.
14.Choose the type of program download which fits best to the I
2C controller
S
1000XXX
0
A
XXXXXXXX
A
1
A
1000XXX
<Slave Address>
<Word Address (n)>
<Data(n+2)>
S - Start
Sr - Repeated Start
A - Acknowledge (ACK)
P - Stop
NA -Not Acknowledge (NACK)
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
NA
XXXXXXXX
P
<Data(n)>
<Data(n+1)>
<Data(n+X)>
Sr
Data Transferred
(X + 1 Bytes + Acknowledge)
Note: Last data byte is followed by a NACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com