Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 29 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 29 Page - ams AG

Back Button AS3665 Datasheet HTML 25Page - ams AG AS3665 Datasheet HTML 26Page - ams AG AS3665 Datasheet HTML 27Page - ams AG AS3665 Datasheet HTML 28Page - ams AG AS3665 Datasheet HTML 29Page - ams AG AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
28 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C u r r e n t S o u r c e s
Table 34. Driver_Setup7 Register
Addr: A6h
Driver_Setup7 Register
Bit
Bit Name
Default Access
Description
4:0
color_slope7
00h
R/W
LED7 RGB Color Correction (see page 16) slope
00h
RGB Color Correction disabled
01h
+0.15%/ºC
...
...
0Fh
+2.263%/ºC
11h
-2.263%/ºC
...
...
1Fh
-0.15%/ºC
5
loglin7
1b
R/W
LED7 Logarithmic/Linear Ramping (see page 16)
0
linear ramping/dimming
1
logarithmic ramping/dimming
7:6
fader_src7
00b
R/W
LED7 Faders (see page 16)
00
fader disabled
01
use fader1 (see page 23)
10
use fader2
11
use fader3
Table 35. Driver_Setup8 Register
Addr: A7h
Driver_Setup8 Register
Bit
Bit Name
Default Access
Description
4:0
color_slope8
00h
R/W
LED8 RGB Color Correction (see page 16) slope
00h
RGB Color Correction disabled
01h
+0.15%/ºC
...
...
0Fh
+2.263%/ºC
11h
-2.263%/ºC
...
...
1Fh
-0.15%/ºC
5
loglin8
1b
R/W
LED8 Logarithmic/Linear Ramping (see page 16)
0
linear ramping/dimming
1
logarithmic ramping/dimming
7:6
fader_src8
00b
R/W
LED8 Faders (see page 16)
00
fader disabled
01
use fader1 (see page 23)
10
use fader2
11
use fader3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com