Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 10 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 10 Page - ams AG

Back Button AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG AS3665 Datasheet HTML 10Page - ams AG AS3665 Datasheet HTML 11Page - ams AG AS3665 Datasheet HTML 12Page - ams AG AS3665 Datasheet HTML 13Page - ams AG AS3665 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
9 - 77
AS3665
Datasheet, Confidential - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Logarithmic PWM ramp
Figure 11. ILED vs. Voltage on current source
0.01
0.1
1
10
100
0
50
100
150
200
250
Digital Code
ILED
IBAT
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
Voltage on current source (V)
ILED=20mA
ILED=15mA
ILED=10mA
ILED=5mA
LEDX_max=25.5mA
Figure 12. ILED vs. Voltage on current source
Figure 13. ILED vs. Voltage on current source
0
5
10
15
20
25
30
0
0.2
0.4
0.6
0.8
1
Voltage on current source (V)
ILED=6.3mA
ILED=12.7mA
ILED=19.1mA
ILED=25.5mA
LEDX_max=25.5mA
LEDX_max=19.1mA
LEDX_max=12.7mA
LEDX_max=6.3mA
15
16
17
18
19
20
0
0.2
0.4
0.6
0.8
1
Voltage on current source (V)
TAM B=25deg
TAM B=85deg
TAM B=-20deg
LEDX_max=19.1mA
LEDX_Current=19.1mA
Figure 14. CP in 1:1.5 mode, 150mA load, ac-coupled
500ns/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com