Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 32 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 32 Page - ams AG

Back Button AS3665 Datasheet HTML 28Page - ams AG AS3665 Datasheet HTML 29Page - ams AG AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
31 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C h a r g e P u m p
The charge pump starts operation always in 1:1 mode and returns back to 1:1 mode if all current sources are switched
off
7. If the voltage across a enabled current source is no longer sufficient to operate the current source, the charge
pump automatically select the next operating mode (which modes are allowed is controlled by cp_mode_switching.
cp_auto_on or cp_on should be set for enabling this logic). In 1:1.5 mode and if cp_mode_switching=00, the charge
pump also can automatically switch back into 1:1 mode if the voltage across all current sources is sufficiently high to
use the more efficient 1:1 mode (a fine adjustment of this hysteresis is possible with cp_down_hyst).
Application Hint
Its usually safe to keep the default values of the charge pump registers. Only if a red LED is used (on LED7...LED9),
reset the register bits LED7_on_cp=0, LED8_on_cp=0 and/or LED9_on_cp=0 to improve efficiency.
7. Exception: The manual mode switching mode (cp_mode_switching=11) can override this behavior.
Table 38. CP_Mode_Switch Register
Addr: 06h
CP_Mode_Switch Register
Bit
Bit Name
Default Access
Description
0
LED7_on_cp
1b
R/W
Configure if LED7 is powered by charge pump
0
LED7 is powered by VBAT (e.g. red LED)
1
LED7 is powered from VOUT
1
LED8_on_cp
1b
R/W
Configure if LED8 is powered by charge pump
0
LED8 is powered by VBAT (e.g. red LED)
1
LED8 is powered from VOUT
2
LED9_on_cp
1b
R/W
Configure if LED9 is powered by charge pump
0
LED9 is powered by VBAT (e.g. red LED)
1
LED9 is powered from VOUT
3
cp_max_5V4
0b
R/W
Adjusts the maximum output voltage of the charge pump
0
charge pump VOUT regulates to 4.5V
1
charge pump VOUT regulates to maximum 5.4V
4
cp_skip_on
1b
R/W
Allows pulse skip mode of charge pump
0
Pulse skip of charge pump is disabled
1
Enable pulse skip of charge pump in low load
conditions (reduce quiescent current in 1:1.5 mode)
5
cp_auto_reset
1b
R/W
If all current sources are off, reset the charge pump back to
1:1 mode
0
charge pump keeps last mode
1
Reset charge pump to 1:1 if all current sources are off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com