Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 39 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 39 Page - ams AG

Back Button AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG AS3665 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
38 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on In ter r upt Gene rat or
The interrupt output pad INT/AUDIO_IN is controlled by register GPO_Control:
2
int3_masked
1R/W
0No Mask
1
int3 is masked
3
no_extclock_detected_m
asked
1R/W
0No Mask
1
no_extclock_detected is masked
4
init_ready_int_masked
1R/W
0No Mask
1
init_ready_int is masked
5
adc_eoc_masked
1R/W
0No Mask
1
adc_eoc is masked
6
ov_temp_masked
1R/W
0No Mask
1
ov_temp is masked
Table 50. GPO_Control Register
Addr: 04h
GPO_Control Register
Bit
Bit Name
Default Access
Description
4:3
int_mode
00b
R/W
Define operating mode of INT/AUDIO_IN ball
00
open drain output of interrupt status
01
push/pull output of signal int_signal
10
analog input -
use for Audio Input (see page 34) or
Analog to Digital Converter (see page 32)
11
5
int_signal
0b
R/W
Status of INT/AUDIO_IN ball if int_mode=01
0
active low
1
active high (VBAT)
7
int_on_trig
0b
R/W
Interrupt output selection flag
0
Interrupt status is available on ball INT/AUDIO_IN
(if int_mode=00)
1
Interrupt status is available on ball TRIG
1
1. Set int_on_trig=1 if the ball INT/AUDIO_IN is used for audio and/or ADC and an interrupt output is required;
the ball TRIG is then used as the interrupt open drain output
Table 49. Interrupt_Mask Register (Continued)
Addr: 0Dh
Interrupt_Mask Register
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com