Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 57 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 57 Page - ams AG

Back Button AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
56 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
A similar command is used to set the multiplexer memory area end address:
With the MUX select LED command the sequencer can be simply connected to a single output (if more than one out-
put should be controlled by one sequencer see MUX tables - assignments of sequencers to channels (see page 49)):
With the MUX clear command the multiplexer tables are initialized (see page 49):
With the MUX next address command the MUX pointer can be moved down in the MUX table (see page 49):
Table 82. MUX set end address Command
MUX set end address Command
Name
Bits
Bitname
Parameter Description
MUX set end
address
Compiler syntax: MSE, RAM address;
D15:D7
10011100
1b
D6:D0
RAM address 0-127
Sets the multiplexer end address to ‘RAM address’.
Table 83. MUX select LED Command
MUX select LED Command
Name
Bits
Bitname
Parameter Description
MUX select
LED
Compiler syntax: MSL, LED select;
D15:D7
10011101
0b
D6:D0
LED select
1-9
Connect this sequencer to a single output defined by ‘LED select’;
e.g. 3 selects output LED3
Table 84. MUX clear Command
MUX clear Command
Name
Bits
Bitname
Parameter Description
MUX clear
Compiler syntax: MCL;
D15:D0
10011101
00000000b
(9D00h)
Clear the MUX table
(this sequencer is not connected to any output)
Table 85. MUX next address Command
MUX next address Command
Name
Bits
Bitname
Parameter Description
MUX next
address
Compiler syntax: MNA;
D15:D0
10011101
10000000b
(9D80h)
increase the MUX pointer by one; if the address would be above the
address defined by MUX set end address, reset the MUX pointer to the
address defined by MUX set start address; load the MUX with the content
of this memory address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com