Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 71 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 71 Page - ams AG

Back Button AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG AS3665 Datasheet HTML 73Page - ams AG AS3665 Datasheet HTML 74Page - ams AG AS3665 Datasheet HTML 75Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
70 - 77
AS3665
Datasheet, Confidential - R e giste rmap Se quencer Comma nds
Cmd_C_LSB
79h 00h
cmd_C_lsb
Cmd_D_MSB
7Ah 00h
cmd_D_msb
Cmd_D_LSB
7Bh 00h
cmd_D_lsb
Cmd_E_MSB
7Ch 00h
cmd_E_msb
Cmd_E_LSB
7Dh 00h
cmd_E_lsb
Cmd_F_MSB
7Eh 00h
cmd_F_msb
Cmd_F_LSB
7Fh 00h
cmd_F_lsb
PWM_LED1
80h 00h
pwm_LED1
PWM_LED2
81h 00h
pwm_LED2
PWM_LED3
82h 00h
pwm_LED3
PWM_LED4
83h 00h
pwm_LED4
PWM_LED5
84h 00h
pwm_LED5
PWM_LED6
85h 00h
pwm_LED6
PWM_LED7
86h 00h
pwm_LED7
PWM_LED8
87h 00h
pwm_LED8
PWM_LED9
88h 00h
pwm_LED9
PWM_GPO
8Fh 00h
pwm_GPO
Fader1
9Bh 00h
fader1
Fader2
9Ch 00h
fader2
Fader3
9Dh 00h
fader3
Driver_Setup1
A0h 20h
fader_src1
loglin1
color_slope1
Driver_Setup2
A1h 20h
fader_src2
loglin2
color_slope2
Driver_Setup3
A2h 20h
fader_src3
loglin3
color_slope3
Driver_Setup4
A3h 20h
fader_src4
loglin4
color_slope4
Driver_Setup5
A4h 20h
fader_src5
loglin5
color_slope5
Driver_Setup6
A5h 20h
fader_src6
loglin6
color_slope6
Driver_Setup7
A6h 20h
fader_src7
loglin7
color_slope7
Driver_Setup8
A7h 20h
fader_src8
loglin8
color_slope8
Driver_Setup9
A8h 20h
fader_src9
loglin9
color_slope9
Start_Addr1
B0h 00h
start_addr1
Start_Addr2
B1h 00h
start_addr2
Start_Addr3
B2h 00h
start_addr3
Seq1_PC
B4h 00h
PC1
Seq2_PC
B5h 00h
PC2
Seq3_PC
B6h 00h
PC3
Variable_A1
B8h 00h
var_a1
Table 107. Register Map (Continued)
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com