Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 3 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 3 Page - ams AG

  AS3665 Datasheet HTML 1Page - ams AG AS3665 Datasheet HTML 2Page - ams AG AS3665 Datasheet HTML 3Page - ams AG AS3665 Datasheet HTML 4Page - ams AG AS3665 Datasheet HTML 5Page - ams AG AS3665 Datasheet HTML 6Page - ams AG AS3665 Datasheet HTML 7Page - ams AG AS3665 Datasheet HTML 8Page - ams AG AS3665 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
2 - 77
AS3665
Datasheet, Confidential - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments WL-CSP-25 (2.610x2.675mm) 0.5mm pitch (Top View)
Pin Description
Table 1. Pin Description for AS3665
Pin Number
Pin Name
Description
A1
C2-
Charge Pump flying capacitor 2 - make a short connection to capacitor CFLY2
A2
C1-
Charge Pump flying capacitor 1 - make a short connection to capacitor CFLY1
A3
GND
Ground supply input pin
A4
LED9
LED9 output - current source from VCP or VBAT
A5
LED8
LED8 output - current source from VCP or VBAT
B1
VBAT
Positive supply input pin
B2
C2+
Charge Pump flying capacitor 2 - make a short connection to capacitor CFLY2
B3
ADDR
Digital input - I
2C address select; the value of the resistor RADDR defines the actual
I
2C address used
B4
C2V5
Internal supply - connect a 1µF ceramic capacitor between C2V5 and GND
B5
LED7
LED7 output - current source from VCP or VBAT
C1
VCP
Charge Pump output - make a short connection to capacitor CVCPOUT
C2
C1+
Charge Pump flying capacitor 1 - make a short connection to capacitor CFLY1
C3
LED3
LED3 output - current source from VCP
C4
TRIG
Digital open drain input/output - used to synchronize across several AS3665
C5
GPO
Digital open drain input/output - General purpose output and ADC input
D1
LED2
LED2 output - current source from VCP
D2
LED1
LED1 output - current source from VCP



!
!"# $ %
& "%
## "
"# '
( #
 ) "%
*"%
" + # "
%
"
,
,
,
-
.
/
0
1
2. (
.
2
3
4
3
.
4
5
,
,
6, 6
(7!5
! (8 9 !:;!
5 :
2 2 .
7 .,
"
!" % #
5
,
4
4
7
.,
3
.
2. (
.
,
,
3
2
,
-
,
1
2 2
.
(7!5
6,6

0
/
.
5 :
! (8 9 !:;!

AS3665
AS3665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com