Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 54 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 54 Page - ams AG

Back Button AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG AS3665 Datasheet HTML 56Page - ams AG AS3665 Datasheet HTML 57Page - ams AG AS3665 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
53 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
With the Set PWM to variable command PWM(s) (PWM channels are connected to a sequencer as shown in section
MUX tables - assignments of sequencers to channels on page 49) can be immediately forced to a value of a variable:
With the GoTo Start command the program counter of the sequencer is reset to its start value:
With the Branch command loops can be implemented. Loops can be nested without limits:
With the Branch with variable command loops can be implemented. The number of loops are defined by a variable.
Table 75. Set PWM to variable Command
Set PWM to variable Command
Force PWM
Name
Bits
Bitname
Parameter Description
Set PWM to
variable
Compiler syntax: SPV, variable;
D15:D2
10000100_
011000b
D1:D0
variable
The content of the variable is used to set the PWM value:
0...off
255...full scale
0
variable ra
1
variable rb
2
variable rc
3
variable rd
Table 76. GoTo Start Command
GoTo Start Command
Name
Bits
Bitname
Parameter Description
GoTo Start
Compiler syntax: GTS;
D15:D0
00000000_
00000000b
(0000h)
Set sequencer program counter to start address
if sequencer 1 then PC1 = start_addr1
if sequencer 2 then PC2 = start_addr2
if sequencer 3 then PC3 = start_addr3
Table 77. Branch Command
Branch Command
Name
Bits
Bitname
Parameter Description
Branch
Compiler syntax: BRN, loop count, step number;
D15:D13
010b
D12:D7
loop count
0
infinite loops
1-63
1 to 63 loops
D6:D0
step number
0-127
jump to ‘step number’ for ‘loop count’ times;
sets the PC of this sequencer = ‘step number’; in the compiler
‘step number’ can be defined by a label



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com