Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 47 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 47 Page - ams AG

Back Button AS3665 Datasheet HTML 43Page - ams AG AS3665 Datasheet HTML 44Page - ams AG AS3665 Datasheet HTML 45Page - ams AG AS3665 Datasheet HTML 46Page - ams AG AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG AS3665 Datasheet HTML 49Page - ams AG AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
46 - 77
AS3665
Datasheet, Confidential - Prog ramming Progra m E x e c u t io n a nd Debug ging
It uses the command delivered by the sequencers, executes them, converts the data from linear to logarithmic repre-
sentation add color correction and a master value. This signal is then feed into the actual PWM generator which con-
trols the LED current source.
Program Execution and Debugging
Following steps are required for the setup of the AS3665 and execution of a program
1. The AS3665 operating mode should be standby or active - see Device Operating Mode on page 12
2. Set the LED currents - see Current Sources on page 15
3. The charge pump usually can be left at their default setting - see CP setting Application Hint on page 31
4. Download of program: see Program Downloading on page 43.
5. Write the program start addresses to registers start_addr1, start_addr2 and start_addr3
16
6. Initialize the program counters PC1...PC3 by setting p1_en=01, p2_en=01 and p3_en=01. The program exe-
cution is automatically enabled (p1_en...p3_en is set to 10 by the AS3665).
7. Set AS3665 operating mode to active by setting chip_en=1 - see Device Operating Mode on page 12
8. Execute the program by setting p1_mode=10, p2_mode=10 and p3_mode=10
Sequencers can be stopped by setting p1_mode...p3_mode=00 (hold). Single step debugging is achieved by
setting p1_mode...p3_mode=01.
17 The program counter can be controller either by direct writing to registers
PC1...PC3 or reset with p1_en...p3_en as shown above
9. Use AS3665 standby mode (set chip_en=0) to stop all programs and disable all current sources
16.Assuming all three sequencers are actually used for the program.
17.The demoboard software simplifies the debugging using a graphical user interface.
Table 56. Exec_Enable Register
Addr: 00h
Exec_Enable Register
Bit
Bit Name
Default Access
Description
1:0
p1_en
00b
R/W
Execution enable for sequencer 1
00
Sequencer 1 is disabled
1
01
Reload program counter and enable:
set PC1 to start_addr1, initialize sequencer 1 internal
loop counters then set p1_en=10 (run)
10
Execute sequencer commands as defined by
p1_mode
11
don’t use
3:2
p2_en
00b
R/W
Execution enable for sequencer 2
00
Sequencer 2 is disabled
1
01
Reload program counter and enable:
set PC2 to start_addr2, initialize sequencer 2 internal
loop counters then set p2_en=10 (run)
10
Execute sequencer commands as defined by
p2_mode
11
don’t use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com