Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 51 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 51 Page - ams AG

Back Button AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG AS3665 Datasheet HTML 49Page - ams AG AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG AS3665 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
50 - 77
AS3665
Datasheet, Confidential - Prog ramming Sequen ce r s
There are two local variables (local to each sequencer): ra and rb - each sequencer sees its own variable:
There are two global variables: rc and rd - these are shared between all sequencers:
Table 64. Variable_A1 Register
Addr: B8h
Variable_A1 Register
Bit
Bit Name
Default Access
Description
7:0
var_a1
00h
R/W
Sequencer 1 local variable ra
Table 65. Variable_A2 Register
Addr: B9h
Variable_A2 Register
Bit
Bit Name
Default Access
Description
7:0
var_a2
00h
R/W
Sequencer 2 local variable ra
Table 66. Variable_A3 Register
Addr: BAh
Variable_A3 Register
Bit
Bit Name
Default Access
Description
7:0
var_a3
00h
R/W
Sequencer 3 local variable ra
Table 67. Variable_B1 Register
Addr: BCh
Variable_B1 Register
Bit
Bit Name
Default Access
Description
7:0
var_b1
00h
R/W
Sequencer 1 local variable rb
Table 68. Variable_B2 Register
Addr: BDh
Variable_B2 Register
Bit
Bit Name
Default Access
Description
7:0
var_b2
00h
R/W
Sequencer 2 local variable rb
Table 69. Variable_B3 Register
Addr: BEh
Variable_B3 Register
Bit
Bit Name
Default Access
Description
7:0
var_b3
00h
R/W
Sequencer 3 local variable rb
Table 70. Variable_C Register
Addr: BBh
Variable_C Register
Bit
Bit Name
Default Access
Description
7:0
var_c
00h
R/W
global variable rc -
variable available for all sequencers
Table 71. Variable_D Register
Addr: 0Fh
Variable_D Register
Bit
Bit Name
Default Access
Description
7:0
var_d
00h
R/W
global variable rd -
variable available for all sequencers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com