Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 21 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 21 Page - ams AG

Back Button AS3665 Datasheet HTML 17Page - ams AG AS3665 Datasheet HTML 18Page - ams AG AS3665 Datasheet HTML 19Page - ams AG AS3665 Datasheet HTML 20Page - ams AG AS3665 Datasheet HTML 21Page - ams AG AS3665 Datasheet HTML 22Page - ams AG AS3665 Datasheet HTML 23Page - ams AG AS3665 Datasheet HTML 24Page - ams AG AS3665 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
20 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C u r r e n t S o u r c e s
Table 19. LED_Current9 Register
Addr: 18h
LED_Current9 Register
Bit
Bit Name
Default Access
Description
7:0
LED_current9
00h
R/W
Sets the current for current source on LED9
LED9_max
00
01
10
11
0
Current source off
1
0.1mA
74.9µA
49.8µA
24.7µA
...
255
25.5mA
19.1mA
12.7mA
6.3mA
Table 20. LED_MaxCurr1 Register
Addr: 19h
LED_MaxCurr1 Register
Bit
Bit Name
Default Access
Description
1:0
LED1_max
00b
R/W
Sets the maximum current for current source on LED1
(see LED_current1 on page 17)
00
ILED1 = 0...25.5mA
01
ILED1 = 0...19.1mA
10
ILED1 = 0...12.7mA
11
ILED1 = 0...6.3mA
3:2
LED2_max
00b
R/W
Sets the maximum current for current source on LED2
(see LED_current2 on page 17)
00
ILED2 = 0...25.5mA
01
ILED2 = 0...19.1mA
10
ILED2 = 0...12.7mA
11
ILED2 = 0...6.3mA
5:4
LED3_max
00b
R/W
Sets the maximum current for current source on LED3
(see LED_current3 on page 18)
00
ILED3 = 0...25.5mA
01
ILED3 = 0...19.1mA
10
ILED3 = 0...12.7mA
11
ILED3 = 0...6.3mA
7:6
LED4_max
00b
R/W
Sets the maximum current for current source on LED4
(see LED_current4 on page 18)
00
ILED4 = 0...25.5mA
01
ILED4 = 0...19.1mA
10
ILED4 = 0...12.7mA
11
ILED4 = 0...6.3mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com