Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 63 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 63 Page - ams AG

Back Button AS3665 Datasheet HTML 59Page - ams AG AS3665 Datasheet HTML 60Page - ams AG AS3665 Datasheet HTML 61Page - ams AG AS3665 Datasheet HTML 62Page - ams AG AS3665 Datasheet HTML 63Page - ams AG AS3665 Datasheet HTML 64Page - ams AG AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
62 - 77
AS3665
Datasheet, Confidential - Prog ramming S equen ce r C o mmands
A constant value can be subtracted from a variable with the command sub number:
Variable are subtracted with the command sub variable:
Audio Commands
austriamicrosystems provides audio programs to control light depending on an audio input as a starting point for an
actual implementation. Due to the complexity of these programs it is recommend to use the demos and modify the
demo codes accordingly.
Table 98. sub number Command
sub number Command
Name
Bits
Bitname
Parameter Description
sub number
Compiler syntax: SBN, target variable, value;
D15:D12
1001b
(9h)
D11:D10 target variable
0
set ra = ra - value
1
set rb = rb - value
2
set rc = rc - value
3
don’t use
D9:D8
10b
D7:D0
value
0-255
value
Table 99. sub variable Command
sub variable Command
Name
Bits
Bitname
Parameter Description
sub variable
Compiler syntax: SBV, target variable, variable 1, variable 2;
D15:D12
1001b
(9h)
D11:D10 target variable
0
set ra = variable1 - variable2
1
set rb = variable1 - variable2
2
set rc = variable1 - variable2
3
don’t use
D9:D4
110001b
D3:D2
variable 1
0
variable1 = ra
1
variable1 = rb
2
variable1 = rc
3
variable1 = rd
D1:D0
variable 2
0
variable2 = ra
1
variable2 = rb
2
variable2 = rc
3
variable2 = rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com