Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 34 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 34 Page - ams AG

Back Button AS3665 Datasheet HTML 30Page - ams AG AS3665 Datasheet HTML 31Page - ams AG AS3665 Datasheet HTML 32Page - ams AG AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
33 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Anal og to Digi tal Convert er
The ADC is controlled by:
The ADC result is stored in registers adc<9:3> and adc<2:0>; a running conversion is identified by result_not_ready:
Table 42. ADC_Control Register
Addr: 09h
ADC_Control Register
Bit
Bit Name
Default Access
Description
3:0
adc_select
0h
R/W
Select ADC channel to be converted
0h Audio Buffer (uses pin INT/AUDIO_IN and audio input
amplifier - see section Audio Input on page 34)
1h
ADCTEMPCODE
1
1. Set temp_sens_on (see page 24)=1 before the measurement
2h
don’t use
3h
INT/AUDIO_IN
4h
GPO
2
2. set gpo_signal=1 and gpo_mode=01 to switch pad GPO into tristate
5h
VBAT
6h
VOUT
7h
LED1
8h
LED2
9h
LED3
Ah
LED4
Bh
LED5
Ch
LED6
Dh
LED7
Eh
LED8
Fh
LED9
5
adc_continuous
1b
R/W
Enable ADC continuous conversion
0
no continuous conversion
1
ADC is continuously converting. If a conversion is
finished an interrupt can be sent (register bit adc_eoc
on page 37)
6
adc_slow
1b
R/W
select ADC conversion time
0
16µs ADC conversion time
1
32µs ADC conversion time
7
adc_single_conversion
0b
W
writing ‘1’ starts a single ADC conversion. If a conversion is
finished an interrupt can be sent (register bit adc_eoc)
Table 43. ADC_MSB_Result Register
Addr: 0Ah
ADC_MSB_Result Register
Bit
Bit Name
Default Access
Description
6:0
adc<9:3>
NA
R
ADC Result bits 9:3 (MSBs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com