Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 48 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 48 Page - ams AG

Back Button AS3665 Datasheet HTML 44Page - ams AG AS3665 Datasheet HTML 45Page - ams AG AS3665 Datasheet HTML 46Page - ams AG AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG AS3665 Datasheet HTML 49Page - ams AG AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
47 - 77
AS3665
Datasheet, Confidential - Prog ramming Progra m E x e c u t io n a nd Debug ging
The Exec_Mode register defines the sequencer executing mode (e.g. single step or run):
5:4
p3_en
00b
R/W
Execution enable for sequencer 3
00
Sequencer 3 is disabled
1
01
Reload program counter and enable:
set PC3 to start_addr3, initialize sequencer 3 internal
loop counters then set p3_en=10 (run)
10
Execute sequencer commands as defined by
p3_mode
11
don’t use
1. If all sequencers are switched off (p1_en=00, p2_en=00 and p3_en=00), LED1_on...LED9_on control the oper-
ation of the LEDs - see Current Sources on page 15
Table 57. Exec_Mode Register
Addr: 01h
Exec_Mode Register
Bit
Bit Name
Default Access
Description
1:0
p1_mode
00b
R/W
Execution mode for sequencer 1 if p1_en=10
00
Hold - finish current instruction and stop.
01
Step - execute one instruction at PC1 and increment
PC1 then reset p1_mode (hold)
10
Run - start execution from PC1
11
Step in place - execute one instruction at PC1 but
don’t increment PC1 then reset p1_mode (hold)
3:2
p2_mode
00b
R/W
Execution mode for sequencer 2 if p2_en=10
00
Hold - finish current instruction and stop.
01
Step - execute one instruction at PC2 and increment
PC2 then reset p2_mode (hold)
10
Run - start execution from PC2
11
Step in place - execute one instruction at PC2 but
don’t increment PC2 then reset p2_mode (hold)
5:4
p3_mode
00b
R/W
Execution mode for sequencer 3 if p3_en=10
00
Hold - finish current instruction and stop.
01
Step - execute one instruction at PC3 and increment
PC3 then reset p3_mode (hold)
10
Run - start execution from PC3
11
Step in place - execute one instruction at PC3 but
don’t increment PC3 then reset p3_mode (hold)
Table 56. Exec_Enable Register (Continued) (Continued)
Addr: 00h
Exec_Enable Register
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com