Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 69 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 69 Page - ams AG

Back Button AS3665 Datasheet HTML 65Page - ams AG AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG AS3665 Datasheet HTML 73Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
68 - 77
AS3665
Datasheet, Confidential - R e giste rmap Se quencer Comma nds
11 Registermap
Table 107. Register Map
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Exec_Enable
00h 00h ram_init
chip_en
p3_en
p2_en
p1_en
Exec_Mode
01h 00h trig_input
_on
0
p3_mode
p2_mode
p1_mode
LED_Control1
02h 00h LED8_on LED7_on LED6_on LED5_on LED4_on LED3_on LED2_on LED1_on
LED_Control2
03h 00h GPO_on fader_log
lin3
fader_log
lin2
fader_log
lin1
temp_co
mp_mod
e
LED9_on
GPO_Control
04h 00h int_on_tri
g
sel_ext_
clock
int_signa
l
int_mode
gpo_sign
al
gpo_mode
CP_Control
05h 10h
cp_down_hyst
cp_on
cp_auto_
on
cp_mode_switching
cp_mode
CP_Mode_Switch 06h 37h
cp_auto_
reset
cp_skip_
on
cp_max_
5V4
LED9_on
_cp
LED8_on
_cp
LED7_on
_cp
Supervision
08h 81h auto_shu
tdown
osc_alwa
ys_on
ov_temp
_status
ov_temp
_on
ADC_Control
09h 00h
adc_sing
le_conve
rsion
adc_slow adc_cont
inuous
adc_select
ADC_MSB_Result 0Ah 00h result_no
t_ready
adc<9:3>
ADC_LSB_Result 0Bh 00h
adc<2:0>
Interrupt_Status
0Ch 40h
ov_temp adc_eoc init_read
y_int
no_extcl
ock_dete
cted
int3
int2
int1
Interrupt_Mask
0Dh FFh
ov_temp
_masked
adc_eoc
_masked
init_read
y_int_ma
sked
no_extcl
ock_dete
cted_ma
sked
int3_mas
ked
int2_mas
ked
int1_mas
ked
Temp_Sense_
Control
0Eh 00h
temp_me
as_busy
temp_se
ns_on
temp_int
_ext
Variable_D
0Fh 00h
var_d
LED_Current1
10h 00h
LED_current1
LED_Current2
11h 00h
LED_current2
LED_Current3
12h 00h
LED_current3
LED_Current4
13h 00h
LED_current4
LED_Current5
14h 00h
LED_current5
LED_Current6
15h 00h
LED_current6
LED_Current7
16h 00h
LED_current7
LED_Current8
17h 00h
LED_current8
LED_Current9
18h 00h
LED_current9
LED_MaxCurr1
19h 00h
LED4_max
LED3_max
LED2_max
LED1_max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com