Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 15 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 15 Page - ams AG

Back Button AS3665 Datasheet HTML 11Page - ams AG AS3665 Datasheet HTML 12Page - ams AG AS3665 Datasheet HTML 13Page - ams AG AS3665 Datasheet HTML 14Page - ams AG AS3665 Datasheet HTML 15Page - ams AG AS3665 Datasheet HTML 16Page - ams AG AS3665 Datasheet HTML 17Page - ams AG AS3665 Datasheet HTML 18Page - ams AG AS3665 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
14 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n C l o c k G e n e r a t i o n
Clock Generation
The AS3665 has an internal oscillator running at fCLK and an external clock input CLK32K:
Figure 17. Clock Generation
The charge pump and the PWM generator use the fCLK clock signal from the internal oscillator. Depending on the sig-
nal sel_ext_clock, the internal timers and ramp generators use either the pin CLK32K as input or fCLK divided by 2 and
31:
The external clock on CLK32K is monitored and if the internal clock is enabled and no valid clock are detected the reg-
ister bit no_extclock_detected (see page 37) is set and an interrupt can be triggered.
The internal oscillator is enabled and disabled automatically if register bit osc_always_on is reset:
Table 7. GPO_Control Register
Addr: 04h
GPO_Control Register
Bit
Bit Name
Default Access
Description
6
sel_ext_clock
0h
R/W
Enables the external clock on CLK32K (see Figure 17)
0
Use internal fCLK clock divided by 31*2
1
Use external clock on CLK32K (also
osc_always_on=0)
1
1. Using an external clock has two advantages:
a) Reduced quiescent current: the internal clock is switched off whenever possible and the timers run from
CLK32K.
b) All timings (e.g. ramp-up, wait) are as accurate as the external clock (usually derived from a crystal).
Table 8. Supervision Register
Addr: 08h
Supervision Register
Bit
Bit Name
Default Access
Description
5
osc_always_on
0h
R/W
Enables the internal oscillator (see Figure 17)
0
Enable internal oscillator only if required
1
The internal oscillator is always running (except in
shutdown mode)



!
"
#$
%
&'() 
"
"
*
+

,
- #$
#
. -
AS3665



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com