Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 50 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 50 Page - ams AG

Back Button AS3665 Datasheet HTML 46Page - ams AG AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG AS3665 Datasheet HTML 49Page - ams AG AS3665 Datasheet HTML 50Page - ams AG AS3665 Datasheet HTML 51Page - ams AG AS3665 Datasheet HTML 52Page - ams AG AS3665 Datasheet HTML 53Page - ams AG AS3665 Datasheet HTML 54Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
49 - 77
AS3665
Datasheet, Confidential - Prog ramming Sequen ce r s
MUX tables - assignments of sequencers to channels
The MUX tables are setup during a program execution dynamically with the following sequencer commands:
- MUX set start address (see page 55) and MUX set end address (see page 56) define a memory region where the
MUX tables is operating (MUX next address or MUX previous address). MUX set start address automatically
loads the MUX for this sequencer with the content of the memory of ‘start address’.
- MUX next address (see page 56) and MUX previous address (see page 57) increase (or decrease) the MUX
pointer by one and load the MUX of this sequencer with the memory content the pointer is addressing. The MUX
pointer is kept within range defined by MUX set start address and MUX set end address.
- MUX set ptr (see page 58) sets the MUX pointer to a address defined by a displacement and MUX set start
address
- MUX select LED (see page 56) selects a single PWM output (single LED) where this sequencer is connected to.
This is useful for simple sequencer - PWM connections without requiring to setup a dedicated MUX table.
- MUX clear (see page 56) clears the MUX of this sequencer (no PWM channels are selected anymore).
The sequencer can operate in two operating modes:
1. PWM mode - this is the standard operating mode; the sequencer directly controls any of the PWM generators.
This is the default operating mode.
2. Ratiometric mode - the sequencer controls one or more of the faders (fader1 (see page 23), fader2 and/or
fader3). The fader can control general LED brightness (configurable to control any number of LEDs) - see Cur-
rent Sources (see page 15).
18
The ratiometric mode is entered with the command MUX set RM (see page 66) or MUX fade (see page 66). The
AS3665 returns to PWM mode with the command MUX reset RM.
19
The sequencer are connected to the PWM generators and faders according to Figure 28 (the 16 bits are the content of
the memory register, the MUX pointer is pointing to. A ‘1’ connects the sequencer to this output, a ‘0’ disconnects this
output):
Figure 28. MUX table connections
Variables
The AS3665 includes four variables ra, rb, rc and rd. These variables can read and written by the I
2C interface and in
parallel read and written by the sequencers
20. Using the variables, programs can be controlled by a single I2C com-
mands. Sequencers can use these variables for internal calculations, for communication between the sequencers and
to communicate to the I
2C controller.
18.The MUX tables share the same start address set by MUX set start address but have separate current
addresses and end addresses set by MUX set end address
19.Use only the highest (in order 1,2,3) sequencers for ratiometric mode (e.g. SEQ1 PWM, SEQ2 ratiometric
but not SEQ3 for PWM mode at the same time)
20.Variable rd is read/writable by I
2C but only readable by the sequencers.




 




 !
"#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com