Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 37 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 37 Page - ams AG

Back Button AS3665 Datasheet HTML 33Page - ams AG AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
36 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on In ter r upt Gene rat or
Interrupt Generator
The interrupt generator can send interrupt signals to e.g. the application processor to identify e.g. the end of pattern or
a special event. When a not masked interrupt (register Interrupt_Mask) is triggered the INT/AUDIO_IN
9 pin is pulled
low until the interrupt is reset by the I
2C interface.
Interrupt are readout by the Interrupt_Status register; pending interrupts are reset by writing back ‘1’ to the register bit
in Interrupt_Status which should be reset:
Following procedure to readout the interrupt is recommended:
7
2.0
2.0
1.5
8
2.0
2.0
1.5
9
1.5
2.0
1.5
10
1.5
1.5
1.0
11
1.5
1.5
1.0
12
1.0
1.5
1.0
13
1.0
1.0
1.0
14
1.0
1.0
1.0
15
1.0
1.0
1.0
Table 47. Audio_AGC Register
Addr: 1Dh
Audio_AGC Register
Bit
Bit Name
Default Access
Description
2:0
agc_ctrl
000b
R/W
Control AGC transfer function
000
AGC off (bypass)
001
attenuate low amplitude signals otherwise linear
response (to remove e.g. noise)
010
AGC curve A; slow decay of amplitude detection
011
AGC curve A; fast decay of amplitude detection
100
AGC curve B; slow decay of amplitude detection
101
AGC curve B; fast decay of amplitude detection
110
AGC curve C; slow decay of amplitude detection
111
AGC curve C; fast decay of amplitude detection
4:3
agc_time
00b
R/W
AGC amplitude detection decay time; minimum duration
from min. gain to max. gain
00
460ms
01
920ms
10
1840ms
11
3670ms
9. The output should be enabled by setting register int_mode=00 (open drain interrupt output)
Table 46. AGC gain curves
Input Amplitude
AGC gain
curve A
curve B
curve C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com