Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 40 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 40 Page - ams AG

Back Button AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG AS3665 Datasheet HTML 43Page - ams AG AS3665 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
39 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Tr igg er pin TRIG
Trigger pin TRIG
Trigger commands can be sent by the internal sequencers to any other sequencer and or to/from the pin TRIG using
the sequencer command Trigger (see page 55). The pin TRIG is active low, requires and external pullup resistor and
the input should be enabled by setting trig_input_on=1.
Sent external trigger commands are three 32.768kHz clock cycles (see Clock Generation on page 14) long and
received external triggers shall be longer than two clock cycles. During sending of an external trigger, the TRIG input is
blocked.
Note: If two AS3665 devices send an external trigger at the exactly same time, the trigger command might get lost.
Therefore it is recommended that only one AS3665 in a system should send trigger command and all other
devices only receive trigger commands.
It is recommend to configure trig_input_on before program execution as changing trig_input_on during pro-
gram execution can set a trigger pulse to the program.
LED Test
To test the LED in the production line, force a test current through the to be tested LED. Measure the voltage on the
LED (by setting adc_select (see page 33) to the LED channel LED1...LED9). If the voltage on the LED is within the
specified parameters for the LED, the LED is working properly.
Temperature Supervision
The temperature supervision protect the AS3665 against overtemperature - in case of overtemperature the AS3665 is
reset (and therefore the charge pump is set back to 1:1 mode and all current sources are switched off). It is recom-
mended to leave the temperature supervision always enabled (register bit ov_temp_on, default on):
Table 51. Exec_Mode Register
Addr: 01h
Exec_Mode Register
Bit
Bit Name
Default Access
Description
7
trig_input_on
0b
R/W
Enable external trigger input on pin TRIG
0
External trigger disabled
1
External trigger enabled
Table 52. Supervision Register
Addr: 08h
Supervision Register
Bit
Bit Name
Default Access
Description
0
ov_temp_on
1
1. Always leave ov_temp_on set.
1h
R/W
Overtemperature protection
0
Overtemperature protection disabled
1
Overtemperature protection enabled
1
ov_temp_status
0h
R/W
Overtemperature protection triggered
0
No overtemperature detected
1
Overtemperature detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com