Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 14 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 14 Page - ams AG

Back Button AS3665 Datasheet HTML 10Page - ams AG AS3665 Datasheet HTML 11Page - ams AG AS3665 Datasheet HTML 12Page - ams AG AS3665 Datasheet HTML 13Page - ams AG AS3665 Datasheet HTML 14Page - ams AG AS3665 Datasheet HTML 15Page - ams AG AS3665 Datasheet HTML 16Page - ams AG AS3665 Datasheet HTML 17Page - ams AG AS3665 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
13 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on Device O pera t in g Mo de
If EN is pulled low or if the power from the I
2C bus pullup resistors is removed3 for more than tTIMEOUT, the AS3665
enters shutdown
4.
The bit auto_shutdown controls the automatic entering of shutdown mode if the I
2C bus is disabled:
A complete reset cycle can be triggered by setting bit force_reset:
3. Therefore SCL and SDA both are low.
Table 4. Exec_Enable Register
Addr: 00h
Exec_Enable Register
Bit
Bit Name
Default Access
Description
6
chip_en
0h
R/W
Enables the active mode (see Figure 16)
0
AS3665 standby mode select.
Set cp_auto_on=0 before setting chip_en=0.
Output drivers disabled, I
2C communication possible
1
AS3665 active mode select.
Set cp_auto_on=1 after setting chip_en=1
All functions active, internal oscillator running.
7
ram_init
0h
R/W
Initialization of the internal memory (see Figure 16)
0
Memory initialization is finished
1
Writing: Reset internal program memory and all
register from 60h...FFh to their default state
Reading: memory initialization ongoing; when finished
an interrupt can be triggered
(init_ready_int (see page 37) is set)
4. Unless auto_shutdown (see page 13)=0
Table 5. Supervision Register
Addr: 08h
Supervision Register
Bit
Bit Name
Default Access
Description
7
auto_shutdown
1h
R/W
Enables the shutdown mode (see Figure 16)
0
AS3665 cannot enter shutdown
do not set pin EN=0 if cp_auto_on=1 or cp_on=1
1
AS3665 can use shutdown
EN=0 can be used to enter shutdown mode
Table 6. Reset_Control Register
Addr: 3Ch
Reset_Control Register
Bit
Bit Name
Default Access
Description
0
force_reset
0R/W
Start reset cycle (see Figure 16)
0
Normal operation
1
Reset all registers from 00h...1Fh and 5Fh to their
default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com