Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 70 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 70 Page - ams AG

Back Button AS3665 Datasheet HTML 66Page - ams AG AS3665 Datasheet HTML 67Page - ams AG AS3665 Datasheet HTML 68Page - ams AG AS3665 Datasheet HTML 69Page - ams AG AS3665 Datasheet HTML 70Page - ams AG AS3665 Datasheet HTML 71Page - ams AG AS3665 Datasheet HTML 72Page - ams AG AS3665 Datasheet HTML 73Page - ams AG AS3665 Datasheet HTML 74Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
69 - 77
AS3665
Datasheet, Confidential - R e giste rmap Se quencer Comma nds
LED_MaxCurr2
1Ah 00h
LED8_max
LED7_max
LED6_max
LED5_max
LED_MaxCurr3
1Bh 00h
LED9_max
Audio_Control
1Ch 00h
0
0
audio_buf_gain
audio_bu
f_on
audio_c
mdset
audio_on
Audio_AGC
1Dh 00h
agc_time
agc_ctrl
LED_Temp
1Fh 00h
led_temp
Reset_Control
3Ch 00h
force_res
et
Chip_ID1
3Dh C9h
1
1
0
0
1
0
0
1
Chip_ID2
3Eh 5xh
0
1
0
1
revision
Page_Select
5Fh 00h
page_select
Cmd_0_MSB
60h 00h
cmd_0_msb
Cmd_0_LSB
61h 00h
cmd_0_lsb
Cmd_1_MSB
62h 00h
cmd_1_msb
Cmd_1_LSB
63h 00h
cmd_1_lsb
Cmd_2_MSB
64h 00h
cmd_2_msb
Cmd_2_LSB
65h 00h
cmd_2_lsb
Cmd_3_MSB
66h 00h
cmd_3_msb
Cmd_3_LSB
67h 00h
cmd_3_lsb
Cmd_4_MSB
68h 00h
cmd_4_msb
Cmd_4_LSB
69h 00h
cmd_4_lsb
Cmd_5_MSB
6Ah 00h
cmd_5_msb
Cmd_5_LSB
6Bh 00h
cmd_5_lsb
Cmd_6_MSB
6Ch 00h
cmd_6_msb
Cmd_6_LSB
6Dh 00h
cmd_6_lsb
Cmd_7_MSB
6Eh 00h
cmd_7_msb
Cmd_7_LSB
6Fh 00h
cmd_7_lsb
Cmd_8_MSB
70h 00h
cmd_8_msb
Cmd_8_LSB
71h 00h
cmd_8_lsb
Cmd_9_MSB
72h 00h
cmd_9_msb
Cmd_9_LSB
73h 00h
cmd_9_lsb
Cmd_A_MSB
74h 00h
cmd_A_msb
Cmd_A_LSB
75h 00h
cmd_A_lsb
Cmd_B_MSB
76h 00h
cmd_B_msb
Cmd_B_LSB
77h 00h
cmd_B_lsb
Cmd_C_MSB
78h 00h
cmd_C_msb
Table 107. Register Map (Continued)
Register
Definition
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com