Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 38 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 38 Page - ams AG

Back Button AS3665 Datasheet HTML 34Page - ams AG AS3665 Datasheet HTML 35Page - ams AG AS3665 Datasheet HTML 36Page - ams AG AS3665 Datasheet HTML 37Page - ams AG AS3665 Datasheet HTML 38Page - ams AG AS3665 Datasheet HTML 39Page - ams AG AS3665 Datasheet HTML 40Page - ams AG AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
37 - 77
AS3665
Datasheet, Confidential - D e taile d D e scri pti on In ter r upt Gene rat or
1. Readout Register Interrupt_Status
2. Write back the readout value in (1) to Interrupt_Status - this automatically resets all readout interrupts (and no
interrupts can be lost)
Interrupts can be enabled / disabled individually by the Interrupt_Mask register (if an interrupt is masked, it will not pull-
down the pin INT/AUDIO_IN):
Table 48. Interrupt_Status Register
Addr: 0Ch
Interrupt_Status Register
Bit
Bit Name
Default Access
Description
0
int1
0R/W
Sequencer 1 has triggered an interrupt
see End/Interrupt command on page 54
0
No interrupt
1
Interrupt pending
1
int2
0R/W
Sequencer 2 has triggered an interrupt
see End/Interrupt command on page 54
0
No interrupt
1
Interrupt pending
2
int3
0R/W
Sequencer 3 has triggered an interrupt
see End/Interrupt command on page 54
0
No interrupt
1
Interrupt pending
3
no_extclock_detected
0R/W
Monitor external clock detection on pin CLK32K - see
Clock Generation on page 14
0
External clock is ok or internal clock is selected
1
External clock is selected and no external clock is
detected
4
init_ready_int
0R/W
see Device Operating Mode on page 12
0
Initialization of the internal data of AS3665 is ongoing
1
Initialization of the AS3665 is finished
5
adc_eoc
0R/W
ADC end of conversion -
see Analog to Digital Converter on page 32
0
ADC not started or conversion ongoing
1
ADC has finished a conversion
6
ov_temp
0R/W
see Temperature Supervision on page 39
0
Temperature ok
1
Overtemperature detected
Table 49. Interrupt_Mask Register
Addr: 0Dh
Interrupt_Mask Register
Bit
Bit Name
Default Access
Description
0
int1_masked
1R/W
0No Mask
1
int1 is masked
1
int2_masked
1R/W
0No Mask
1
int2 is masked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com