Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3665 Datasheet(PDF) 45 Page - ams AG

Part # AS3665
Description  9 Channel Advanced Command Driven RGB/White LED Driver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3665 Datasheet(HTML) 45 Page - ams AG

Back Button AS3665 Datasheet HTML 41Page - ams AG AS3665 Datasheet HTML 42Page - ams AG AS3665 Datasheet HTML 43Page - ams AG AS3665 Datasheet HTML 44Page - ams AG AS3665 Datasheet HTML 45Page - ams AG AS3665 Datasheet HTML 46Page - ams AG AS3665 Datasheet HTML 47Page - ams AG AS3665 Datasheet HTML 48Page - ams AG AS3665 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 78 page
background image
www.austriamicrosystems.com
Revision 1.0.2
44 - 77
AS3665
Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n I
2C mode Serial Data Bus
Figure 25. Program Write - Slave Receiver Mode
Program Download using Page Select
First the register page_select is set to the program page, which should be accessed. Then the program page (part of or
full page) can be downloaded to the registers Cmd_0_MSB, Cmd_0_LSB, Cmd_1_MSB, Cmd_1_LSB...Cmd_F_MSB,
Cmd_F_LSB (I
2C registers area 60h to 7Fh)15.
Table 55. Page_Select Register
Addr: 5Fh
Page_Select Register
Bit
Bit Name
Default Access
Description
2:0
page_select
000b
R/W
Selects program page for download
000
page 0 - Addr 00h-0Fh
001
page 1 - Addr 10h-1Fh
010
page 2 - Addr 20h-2Fh
011
page 3 - Addr 30h-3Fh
100
page 4 - Addr 40h-4Fh
101
page 5 - Addr 50h-5Fh
110
don’t use
111
don’t use
15.Setting page_select and writing of the program content shall use separate I
2C commands (see Blockwrite/
read boundaries on page 43)
S
1000XXX
0
A
11111110
A
A
XXXXXXXX
<Slave Address>
S - Start
A - Acknowledge (ACK)
P - Stop
XXXXXXXX
A
AA
XXXXXXXX
XXXXXXXX
A
XXXXXXXX
P
<Program(n)-MSB>
Data Transferred
(X + 1 program words + Acknowledge)
Note: Each program word has 2x8 Bits
<FEh>
Program_Direct_Access
<Addr.-start: n>
<Program(n)-LSB> <Program(n+1)-MSB>
<Program(n+X)-LSB>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com